Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5602ARKZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5602ARKZ-R7
Description  RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5602ARKZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5602ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADL5602
Rev. A | Page 13 of 16
W-CDMA ACPR PERFORMANCE
Figure 18 shows a plot of adjacent channel power ratio (ACPR)
vs. POUT for the ADL5602. The signal type being used is a single
W-CDMA carrier (Test Model 1-64) at 2140 MHz. This signal is
generated by a very low ACPR source. ACPR is measured at the
output by a high dynamic range spectrum analyzer, which
incorporates an instrument noise correction function.
The ADL5602 achieves an ACPR of −75 dBc at −5 dBm output,
at which point device noise and not distortion is beginning to
dominate the power in the adjacent channels. At an output
power of +5 dBm, ACPR is still very low at −61 dBc, making
the device particularly suitable for PA driver applications.
–40
–45
–50
–55
–60
–65
–70
–75
–80
–20
–15
–10
–5
0
5
10
POUT (dBm)
Figure 18. ACPR vs. POUT, Single Carrier W-CDMA (Test Model 1-64) at
2140 MHz Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com