Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVC5000 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # AVC5000
Description  Integrated Dual 3D Video Format Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

AVC5000 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  AVC5000 Datasheet HTML 1Page - National Semiconductor (TI) AVC5000 Datasheet HTML 2Page - National Semiconductor (TI) AVC5000 Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Functions
•
Three A/D converters for graphics, SCART and standard-
or high-definition component video
•
Three A/D converters for NTSC/PAL/ SECAM CVBS,
S-Video and standard definition component video
•
Max input video resolution up to 1920x1080 @ 60p
•
Max input graphics resolution up to UXGA - 1600x1200 @
60Hz (165 MHz)
•
WUXGA graphics (1920x1200) can be supported using
external 205 MHz A/D converters
•
Dual NTSC/PAL/SECAM decoders with 3D Y/C separa-
tion (NTSC and PAL) with auto-format detection and VBI
slicing and decoding
•
Dual 3D spatio-temporal noise reduction for standard-
and high-definition video
•
Dual 3D deinterlacing for standard- and high-definition
video
•
Two scalers for full PIP/POP/PAP with video or graphics
inputs
•
Up to 16 tiled freeze-frame PIP images in channel-scan
mode
•
2D luma and horizontal chroma edge enhancement
•
Advanced frame-rate-conversion
•
Interlaced (field) or progressive (frame) output options
•
Maximum output resolution of 1920x1080 @ 60p (148.5
MHz) or 1920x1200 @ 60p (191 MHz)
•
Multi-plane OSD functions: 2D bit mapped OSD engine,
character OSD, HW sprite
•
Support for external OSD: analog SD via SCART inter-
face or digital at output resolution via digital input inter-
face
•
Dual channel PCM audio delay compensation
•
Adaptive contrast enhancement
•
Intelligent color remapping
•
PWM backlight control for LCD panels
•
Embedded RISC processor
www.national.com
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com