Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4034GS
Description  85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 2Page - Monolithic Power Systems MP4034GS Datasheet HTML 3Page - Monolithic Power Systems MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems MP4034GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
EV4034-S-00C – UNIVERSAL INPUT, 6W GU10 LED DRIVER
EV4034-S-00C Rev.1.0
www.MonolithicPower.com
6
11/5/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV4034-S-00C BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer_PN
1
BD1
MB6F
Diode;600V;0.5A
SOP-4
Bangdayuan
MB6F
1
C1
220nF
Capacitor;450V;CBB
DIP
Carli
TF224K2Y109L270D9R
1
C2
10µF
Electrolytic Capacitor;
400V
DIP
LiLong
RGA100M2G
1
C3
4.7µF
Ceramic Capacitor;
25V;X7R
1206
TDK
C3216X7R1E475K
1
C4
10µF
Ceramic Capacitor;
50V;X7R
1210
muRata
GRM32ER71H106KA12L
1
D1
BAV21W
Diode;200V;0.2A
SOD-123
Diodes
BAV21W-7-F
1
D2
ES1G
Diode;400;1A
SMA
Taiwan
Semiconductor
ES1G
1
FR1
10Ω
Resistor;5%;1W
DIP
Yageo
FKN1WSJT-52-10R
1
L1
1000µH
Inductor;1000µH;
0.1A
DIP
Bangdayuan
CKL0410-102
1
R1
10kΩ
Film Resistor;1%
0805
Yageo
RC0805FR-0710KL
1
R2
4.99Ω
Film Resistor;1%
0805
Yageo
RC0805FR-074R99L
1
R3
13.3kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0713K3L
1
R4
27kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0727KL
1
R5
100kΩ
Film Resistor;5%
0603
Yageo
CR03T05NJ100K
1
T1
1.18mH
EE13;
N1:N2:N3=58:48:14
DIP
Emei
FX0283
1
U1
MP4034
Primary-Side Regulator
SOIC8-7A
MPS
MP4034GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com