Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4034GS
Description  85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 2Page - Monolithic Power Systems MP4034GS Datasheet HTML 3Page - Monolithic Power Systems MP4034GS Datasheet HTML 4Page - Monolithic Power Systems MP4034GS Datasheet HTML 5Page - Monolithic Power Systems MP4034GS Datasheet HTML 6Page - Monolithic Power Systems MP4034GS Datasheet HTML 7Page - Monolithic Power Systems MP4034GS Datasheet HTML 8Page - Monolithic Power Systems MP4034GS Datasheet HTML 9Page - Monolithic Power Systems MP4034GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
EV4034-S-00D – UNIVERSAL INPUT, 3.5W GU10 LED DRIVER
EV4034-S-00D Rev.1.01
www.MonolithicPower.com
6
11/5/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV4034-S-00D BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer_PN
1
BD1
MB6F
Diode;600V;0.5A
SOP-4
Bangdayuan
MB6F
1
C1
100nF
Capacitor;400V;CBB
DIP
Panasonic
ECQE4104KF
1
C2
6.8μF
Electrolytic Capacitor;
400V
DIP
LTEC
TY 6.8μF/400V
1
C3
4.7μF
Ceramic Capacitor;
25V;X7R
1206
TDK
C3216X7R1E475K
1
C4
22μF
Ceramic Capacitor;
16V;X7R
1210
muRata
GRM32ER71C226KEA8L
1
D1
BAV21W
Diode;200V;0.2A
SOD-123
Diodes
BAV21W-7-F
1
D2
ES1D
Diode;200V;1A
SMA
Taiwan
Semiconductor
ES1D
1
FR1
10
Resistor;5%;1W
DIP
Yageo
FKN1WSJT-52-10R
1
L1
1000μH
Inductor; 17.4Ω;0.1A
DIP
Bangdayuan
CKL0410-102
1
R1
10kΩ
Film Resistor;
1%;1/8W
0805
Yageo
RC0805FR-0710KL
1
R2
4.99Ω
Film Resistor;
5%;1/8W
0805
Yageo
RC0805FR-074R99L
1
R3
13.3kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0713K3L
1
R4
32.4kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0732K4L
1
R5
10kΩ
Film Resistor;5%
0603
Yageo
RC0603JR-0710K
1
T1
1.15mH
EPC13;
N1:N2:N3=99:25:29
DIP
Emei
FX0279
1
U1
MP4034
Primary-Side Regulator
SOIC8-7A
MPS
MP4034GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com