Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NZ2016SD Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NZ2016SD
Description  Low Phase Noise Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NZ2016SD Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NZ2016SD Datasheet HTML 1Page - NIHON DEMPA KOGYO NZ2016SD Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Clock Oscillator
1803C_NZ2016SD_e
Absolute maximum rating
Supply Voltage (VCC) –0.6 to +6.0 V
Storage Temperature Range –55 to +125 °C
NZ2016SD
Low Phase Noise Type
● For High-quality-audio, Smartphone, Tablet computers, Wireles module,
Notebook PC and DSC
■ Application
● Low phase noise make this product ideal for High quality audio.
● Phase noise Fout±1kHz
: Typ. -146dBc/Hz @+3.3V, +25°C, Fout=26MHz
Fout±100kHz : Typ. -157dBc/Hz @+3.3V, +25°C, Fout=26MHz
● Ultra-compact and light. Dimensions : 2.0 x 1.6 x 0.7 mm, weight : 0.01 g.
● Wide frequency range: 1.5 to 60 MHz.
● Automatic mounting by taping and IR reflow (lead-free) are possible.
● Lead-free.
■ Features
■ Specifications
Item
Model
NZ2016SD
Output Specification
CMOS
Nominal Frequency Range
(MHz)
1.5 ≤ F ≤ 60
Overall Frequency Tolerance
(×10–6)
±50
±30
±20
Operating Temperature Range
(°C)
–40 to +85
–10 to +70
–10 to +60
Supply Voltage
(V)
+1.8 to +3.3
Current
Consumption
Max.
During Operation +25 °C
(mA)
1.8 to 6.5
During Standby
+25 °C
(μA)
10
VOL Max. / VOH Min.
(V)
0.1 VCC / 0.9 VCC
Tr Max. / Tf Max.
(ns)
6 / 6
Symmetry Min. to Max.
(%)
45 to 55
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
4
Standby function
Available (Three-state)
■ Characteristics
F=26MHz
F=60MHz
+1.8V, +25 °C
Fout±1 kHz (Typ.)
(dBc/Hz)
–143
–139
Fout±100 kHz (Typ.)
–154
–150
+2.5 to +3.3V,
+25 °C
Fout±1 kHz (Typ.)
–146
–143
Fout±100 kHz (Typ.)
–157
–156
mm
mm
2.0±0.1
1.3±0.1
0.675±0.1
#1
#2
#3
#4
C0.20
Mount an approx. 0.01 F bypass capacitor between VCC and GND
(close to the product)
Terminal land connections
#1
#2
#3
#4
STAND-BY
GND
OUTPUT
VCC
Land pattern (Typical)
1.3
0.8
#4
#3
#2
#1
Cby=0.01F
■ Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
■ Output Waveform <CMOS>
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
■ Standby Function
VCC
VCC
VCC


Similar Part No. - NZ2016SD

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD Datasheet
828Kb / 2P
Low Phase Noise Type
More results

Similar Description - NZ2016SD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZ2520S NXP-NZ2520S_08 Datasheet
137Kb / 2P
Low Phase Noise Type
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD Datasheet
828Kb / 2P
Low Phase Noise Type
NZ2520SD NDK-NZ2520SD Datasheet
828Kb / 2P
Low Phase Noise Type
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
Low Phase Noise
logo
MTRONPTI
M3027 MTRONPTI-M3027 Datasheet
233Kb / 5P
Low Phase Noise
logo
Unisonic Technologies
UGV3040L-TA3-T UTC-UGV3040L-TA3-T Datasheet
199Kb / 4P
Low Phase Noise
logo
Abracon Corporation
ASTX12-ASVTX12 ABRACON-ASTX12-ASVTX12 Datasheet
2Mb / 4P
Low phase noise
01.27.2017
logo
NIHON DEMPA KOGYO
NZ2520SD NDK-NZ2520SD_18 Datasheet
925Kb / 2P
Low Phase Noise Type
NZ2520SDA NDK-NZ2520SDA_18 Datasheet
924Kb / 2P
Ultra Low Phase Noise Type
NZ3225SD NDK-NZ3225SD_18 Datasheet
829Kb / 2P
Low Phase Noise Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com