Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP13D76T150 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP13D76T150
Description  Low-Profile High Current Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP13D76T150 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP13D76T150 Datasheet HTML 1Page - Sumida Corporation CDEP13D76T150 Datasheet HTML 2Page - Sumida Corporation CDEP13D76T150 Datasheet HTML 3Page - Sumida Corporation CDEP13D76T150 Datasheet HTML 4Page - Sumida Corporation CDEP13D76T150 Datasheet HTML 5Page - Sumida Corporation CDEP13D76T150 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low-Profile High Current Power Inductor
CDEP13D76/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 6
Ver.1.1 (October 24, 2017)
www.sumida.com
Electrical Characteristics: Standard Types
Part No.
Inductance
(
μ H) (±20%)
※1
D.C.R. (m
Ω )
(±20%)
Saturation Current (A)
Typ. ※2
Temperature Rise
Current (A) ※3
at 20℃
at 150℃
CDEP13D76T150NP-1R0MC-105
1.00
1.98
31.0
21.0
20.0
CDEP13D76T150NP-1R6MC-105
1.60
2.60
25.0
17.0
17.8
CDEP13D76T150NP-2R4MC-105
2.40
3.30
21.0
15.0
16.1
CDEP13D76T150NP-3R6MC-105
3.60
3.90
17.2
11.5
15.0
CDEP13D76T150NP-5R1MC-105
5.10
4.80
14.6
10.3
13.0
CDEP13D76T150NP-6R8MC-105
6.80
5.90
12.7
9.00
11.5
CDEP13D76T150NP-100MC-105
10.0
10.3
10.5
7.30
8.50
CDEP13D76T150NP-120MC-105
12.5
13.4
9.30
6.50
7.50
CDEP13D76T150NP-150MC-105
15.0
15.2
8.50
6.20
7.00
CDEP13D76T150NP-220MC-105
22.0
23.4
6.90
4.70
5.30
Electrical Characteristics: High Power Types
Part No.
Inductance
(
μ H) (±20%)
※1
D.C.R. (m
Ω )
(±20%)
Saturation Current (A)
Typ. ※2
Temperature Rise
Current (A) ※3
at 20℃
at 150℃
CDEP13D76T150NP-0R8MC-90
0.80
1.98
40.0
27.0
20.0
CDEP13D76T150NP-1R5MC-90
1.50
2.60
28.5
19.0
17.8
CDEP13D76T150NP-2R2MC-90
2.20
3.30
24.5
16.5
16.1
CDEP13D76T150NP-3R3MC-90
3.30
3.90
19.4
14.2
15.0
CDEP13D76T150NP-4R3MC-90
4.30
4.80
17.2
12.2
13.0
CDEP13D76T150NP-6R8MC-90
6.80
7.40
13.7
9.50
10.0
CDEP13D76T150NP-100MC-90
10.0
13.4
11.3
7.70
7.50
CDEP13D76T150NP-120MC-90
12.5
15.2
10.2
7.20
7.00
CDEP13D76T150NP-150MC-90
15.0
19.9
9.30
6.50
6.00
CDEP13D76T150NP-220MC-90
22.0
30.4
7.50
5.40
4.70
※1 Measuring frequency at 100kHz, 0.1V
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30%lower than its nominal value.
※3 Temperature rise current: The actualvalue of D.C, current when the temperature of coil becomes ⊿T=40℃. (Ta=20℃)
Note: Please note that when using the product while applying current with audio-frequency (AF) signals may results in audible noises
due to magnetostriction. Also, in order to avoid an audible noise problem, operating with non-AF signals would be recommended.
The noise amplify depending on the coil mount area on the PCB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com