Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDPQ2010 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDPQ2010
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPQ2010 Datasheet(HTML) 2 Page - Sumida Corporation

  CDPQ2010 Datasheet HTML 1Page - Sumida Corporation CDPQ2010 Datasheet HTML 2Page - Sumida Corporation CDPQ2010 Datasheet HTML 3Page - Sumida Corporation CDPQ2010 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Power Inductor
CDPQ2010
Page 2 of 4
Revised: 10-Jan-17
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75
% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=25℃(Ta=20℃).
Electrical Characteristics - 2
Electrical Characteristics - 3
Electrical Characteristics - 1
NO.
Part No.
Stamp
Inductance
(μH)
[Within]
※1
D.C.R.
(mΩ)
[Max.]
(at 20℃)
The saturation current
(A)※2
Temperature
rise current
(A) ※3
20℃
125℃
01
CDPQ2010NP-2R7M-160
2R7MH
2.7±20%
2.00(1.65)
29.2(36.5)
20.4(25.5)
21.0
02
CDPQ2010NP-3R9M-160
3R9MH
3.9±20%
2.40(2.00)
23.5(29.4)
16.4(20.5)
20.0
03
CDPQ2010NP-5R6M-160
5R6MH
5.6±20%
3.45(2.85)
19.2(24.0)
13.2(16.6)
17.0
04
CDPQ2010NP-7R5M-160
7R5MH
7.5±20%
4.68(3.90)
17.0(21.3)
11.8(14.8)
14.0
05
CDPQ2010NP-100M-160
100MH
10±20%
5.80(4.85)
14.6(18.3)
10.1(12.7)
12.6
NO.
Part No.
Stamp
Inductance
(μH)
[Within]
※1
D.C.R.
(mΩ)
[Max.]
(at 20℃)
The saturation current
(A)※2
Temperature
rise current
(A) ※3
20℃
125℃
06
CDPQ2010NP-3R9M-250
3R9MS
3.9±20%
2.00(1.65)
19.0(23.8)
13.2(16.6)
21.0
07
CDPQ2010NP-6R2M-250
6R2MS
6.2±20%
2.40(2.00)
15.7(19.6)
11.0(13.7)
20.0
08
CDPQ2010NP-8R8M-250
8R8MS
8.8±20%
3.45(2.85)
12.4(15.5)
8.7(10.9)
17.0
09
CDPQ2010NP-120M-250
120MS
12±20%
4.68(3.90)
10.8(13.5)
7.5(9.4)
14.0
10
CDPQ2010NP-150M-250
150MS
15±20%
5.80(4.85)
9.7(12.1)
6.6(8.3)
12.6
NO.
Part No
Stamp
Inductance
(μH)
[Within]
※1
D.C.R.
(mΩ)
[Max.]
(at 20℃)
The saturation current
(A)※2
Temperature
rise current
(A) ※3
20℃
125℃
11
CDPQ2010NP-4R7M-300
4R7ML
4.7±20%
2.00(1.65)
15.6(19.5)
11.0(13.8)
21.0
12
CDPQ2010NP-7R5M-300
7R5ML
7.5±20%
2.40(2.00)
12.3(15.4)
8.6(10.7)
20.0
13
CDPQ2010NP-100M-300
100ML
10±20%
3.45(2.85)
10.3(12.9)
7.0(8.8)
17.0
14
CDPQ2010NP-140M-300
140ML
14±20%
4.68(3.90)
9.8(12.3)
6.9(8.6)
14.0
15
CDPQ2010NP-180M-300
180ML
18±20%
5.80(4.85)
7.7(9.6)
5.3(6.7)
12.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com