Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP12678 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12678
Description  ~16째 diffused spot beam optimized for CREE XP-E. Assembly with holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12678 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12678 Datasheet HTML 1Page - Ledil, Inc. CP12678 Datasheet HTML 2Page - Ledil, Inc. CP12678 Datasheet HTML 3Page - Ledil, Inc. CP12678 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP12678_TINA2-D
TINA2-D
~16° diffused spot beam optimized for CREE
XP-E. Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.7 mm
Fastening
glue
Colour
black
Box size
451 x 241 x 298 mm
Box weight
4.4 kg
Quantity in Box
2400 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-XP-D
Lens
PMMA
clear
TINA2-XP-HLD
Holder
PC
black
Last update: 22/06/2016
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP12678

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12678-TINA2-D CREE-CP12678-TINA2-D Datasheet
794Kb / 12P
Tina2 series
More results

Similar Description - CP12678

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10644 LEDIL-FA10644_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E
CA11420 LEDIL-CA11420_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E.
CP12677 LEDIL-CP12677 Datasheet
2Mb / 4P
~14째 spot beam optimized for CREE XP-E. Assembly with holder.
FA10677 LEDIL-FA10677 Datasheet
5Mb / 4P
~16째 diffused spot beam optimized for CREE MC-E. Assembly with black holder.
FCA10304 LEDIL-FCA10304 Datasheet
949Kb / 4P
~16째 diffused spot beam optimized for CREE XR-E. Assembly with grey holder.
CA11482 LEDIL-CA11482 Datasheet
2Mb / 8P
~14째 diffused spot beam optimized for CREE XP-E
CA11960 LEDIL-CA11960 Datasheet
2Mb / 10P
~15째 diffused spot beam optimized for CREE XP-E
CP11632 LEDIL-CP11632 Datasheet
3Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
FA10663 LEDIL-FA10663 Datasheet
1Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
CA12375 LEDIL-CA12375 Datasheet
8Mb / 9P
~16째 diffused spot beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com