Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV213 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THCV213
Description  LVDS SerDes transmitter and receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV213 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THCV213 Datasheet HTML 1Page - THine Electronics, Inc. THCV213 Datasheet HTML 2Page - THine Electronics, Inc. THCV213 Datasheet HTML 3Page - THine Electronics, Inc. THCV213 Datasheet HTML 4Page - THine Electronics, Inc. THCV213 Datasheet HTML 5Page - THine Electronics, Inc. THCV213 Datasheet HTML 6Page - THine Electronics, Inc. THCV213 Datasheet HTML 7Page - THine Electronics, Inc. THCV213 Datasheet HTML 8Page - THine Electronics, Inc. THCV213 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
THCV213-214_Rev.2.40_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
2/19
Package Information
PART
TEMP.RANGE
PACKAGE
THCV213-1TTN
0°C to 70°C
48pin TQFP
THCV214-1TTN
0°C to 70°C
48pin TQFP
THCV213-5TTN
-40°C to 85°C
48pin TQFP
THCV214-5TTN
-40°C to 85°C
48pin TQFP
PIN Configuration
48Pin TQFP
GND
VDD
THCV213
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
37
38
39
40
41
42
43
44
45
46
47
48
GND
EDGE
GND
LVDSGND
TXOUT1-
TXOUT1+
LVDSGND
LVDSVDD
TXOUT2-
TXOUT2+
PLLGND
PLLVDD
24
23
22
21
20
19
18
17
16
15
14
13
RXIN+
PLLVDD
THCV214
GND
EDGE
OE
LVDSGND
RXIN-
LVDSGND
LVDSVDD
RESERVED1
RESERVED2
PLLGND
37
38
39
40
41
42
43
44
45
46
47
48
VDDO
D4
D5
D6
D7
D8
GNDO
D9
D10
D11
D12
D13
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com