Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHU2LABB12 Datasheet(PDF) 5 Page - CIT Relay & Switch

Part # AHU2LABB12
Description  UL Approved Illuminated Pushbutton
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AHU2LABB12 Datasheet(HTML) 5 Page - CIT Relay & Switch

  AHU2LABB12 Datasheet HTML 1Page - CIT Relay & Switch AHU2LABB12 Datasheet HTML 2Page - CIT Relay & Switch AHU2LABB12 Datasheet HTML 3Page - CIT Relay & Switch AHU2LABB12 Datasheet HTML 4Page - CIT Relay & Switch AHU2LABB12 Datasheet HTML 5Page - CIT Relay & Switch AHU2LABB12 Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 5
Wall Plate
WP
Dimensions
40.00
[1.57]
115.00
[4.53]
ØX
90.00
[3.54]
Ø4.40 TYP
[.17]
Ø7.60 TYP
[.30]
1.00 TYP
[.04]
2.40 TYP
[.09]
4.00
[.16]
4X R1.50
[.06]
A
A
SECTION A-A
1.50 X 45° Chamfer
115.00
[4.53]
90.00
[3.54]
70.00
[2.76]
4X R1.50
[.06]
4.00
[.16]
1.50 X 45° Chamfer
86.00
[3.39]
86.00
[3.39]
60.00
[2.36]
4X R1.50
[.06]
4.00
[.16]
1.50 X 45° Chamfer
AB
C
Aluminum Anti-Vandal Switch Housing
AVH
Features
Ordering Information
1. Series
AVH
F
4
19
AVH
2. Mounting Options:
F = With mounting flange
T = Without mounting flange
3. Number of Positions:
1 = 1 position
2 = 2 positions
3 = 3 positions
4 = 4 positions
5 = 5 positions
Contact Factory for custom sizes and number of positions
4. Hole Size:
19 = 19mm diameter
◆ Easy installation
◆ Multiple size options
◆ Aluminum housing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com