Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHU1LCSW12 Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # AHU1LCSW12
Description  UL Approved Illuminated Pushbutton
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AHU1LCSW12 Datasheet(HTML) 3 Page - CIT Relay & Switch

  AHU1LCSW12 Datasheet HTML 1Page - CIT Relay & Switch AHU1LCSW12 Datasheet HTML 2Page - CIT Relay & Switch AHU1LCSW12 Datasheet HTML 3Page - CIT Relay & Switch AHU1LCSW12 Datasheet HTML 4Page - CIT Relay & Switch AHU1LCSW12 Datasheet HTML 5Page - CIT Relay & Switch AHU1LCSW12 Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 3
UL Approved Illuminated Pushbutton
AHU
Single Pole
Double Pole
LED 1
LED 2
3
2
1
+
-
Ø19.00
[.75]
Schematic
Bottom View
Panel Cut-Out
+
-
1
2
3
4
5
6
LED 1
LED 2
5.50
[.22]
13.08
[.51]
10.00
[.39]
2
5
3
1
LED(+)
LED(-)
6
4
Ø19.00
[.75]
Schematic
Bottom View
Panel Cut-Out
Schematics
Optional Socket Housing
Ø19.00
[.75]
30.00
[1.18]
4.75
[.19]
9.50
[.37]
16.55
[.65]
2.10
[.08]
4.00
[.16]
2.05
[.08]
4.75
[.19]
7.70
[.30]
3.70
[.15]
SS2002
Terminal
for use with wire sizze 18AWG to 24AWG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com