Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHU2LCSW12 Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # AHU2LCSW12
Description  UL Approved Illuminated Pushbutton
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AHU2LCSW12 Datasheet(HTML) 4 Page - CIT Relay & Switch

  AHU2LCSW12 Datasheet HTML 1Page - CIT Relay & Switch AHU2LCSW12 Datasheet HTML 2Page - CIT Relay & Switch AHU2LCSW12 Datasheet HTML 3Page - CIT Relay & Switch AHU2LCSW12 Datasheet HTML 4Page - CIT Relay & Switch AHU2LCSW12 Datasheet HTML 5Page - CIT Relay & Switch AHU2LCSW12 Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
UL Approved Illuminated Pushbutton
page 4
AHU
LED Ratings
Color
R
Y
G
B
W
Units
Reverse Voltage
VR
55555
V
Forward Current (peak)
IFS
120
120
160
160
160
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
μA
Power Dissipation
PT
80
80
120
120
120
mW
Forward Voltage (typ) IF = 20mA
VF
2.1
2.1
3.3
3.3
3.0
V
Luminous Intensity, IF = 20mA
LI
120
120
170
100
700
mcd
LED Characteristics
Features
Ordering Information
Wall Plate
WP
◆ Fits standard size electrical boxes
◆ Multiple size options
◆ 2 finish options
◆ Laser etching available
1. Series
WP
B
19
A
X
WP
2. Size:
A = 40mm x 115mm
B = 70mm x 115mm
C = 86mm x 86mm
3. Hole Size:
19 = 19mm diameter
4. Material
A = Brushed aluminum
Y = Brushed aluminum, yellow anodized
5. Laser Etching Symbol:
Contact Factory with artwork



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com