Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL0.2A40 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL0.2A40
Description  0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL0.2A40 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL0.2A40 Datasheet HTML 1Page - Microsemi Corporation CDLL0.2A40 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
161
MAXIMUM
CDI
WORKING PEAK
MAXIMUM REVERSE
CAPACITANCE @
TYPE
REVERSE
MAXIMUM FORWARD VOLTAGE
LEAKAGE CURRENT
VR = 0 VOLTS
NUMBER
VOLTAGE
AT RATED VOLTAGE
f =1.0 MHz
VRWM
VF @ 20 mA VF @ 200 mA VF @ 630 mA
IR @ +25°C
IR @ +100°C
CT
VOLTS
VOLTS
VOLTS
VOLTS
µ A
mA
PICO FARADS
CDLL6675
20
0.37
0.50
0.70
5.0
0.6
50
CDLL6676
30
0.37
0.50
0.70
5.0
0.6
50
CDLL6677
40
0.37
0.50
0.70
5.0
0.6
50
CDLL0.2A20
20
0.37
0.50
0.70
5.0
0.6
50
CDLL0.2A30
30
0.37
0.50
0.70
5.0
0.6
50
CDLL0.2A40
40
0.37
0.50
0.70
5.0
0.6
50
MAXIMUM RATINGS, 0.2 AMP DEVICES
Operating Temperature: -65°C to +125°C
Storage Temperature: -65°C to +150°C
Average Rectified Forward Current: 0.2 AMP @ TEC = +100°C
Derating: 8.0 mA / °C above +100°C
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
MAXIMUM RATINGS, 0.5 AMP DEVICES
Operating Temperature: -65°C to +125°C
Storage Temperature: -65°C to +150°C
Average Rectified Forward Current: 0.5 AMP @ TEC = +75°C
Derating: 6.67 mA / °C above TEC = +75°C
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
MAXIMUM
CDI
WORKING PEAK
MAXIMUM
MAXIMUM REVERSE
CAPACITANCE @
TYPE
REVERSE
FORWARD VOLTAGE
LEAKAGE CURRENT
VR = 0 VOLTS
NUMBER
VOLTAGE
AT RATED VOLTAGE
f =1.0 MHz
VRWM
VF @ 0.1A
VF @ 0.5A
IR @ +25°C
IR @ +100°C
CT
VOLTS
VOLTS
VOLTS
µ A
mA
PICO FARADS
CDLL0.5A20
20
0.50
0.65
10.0
1.0
50
CDLL0.5A30
30
0.50
0.65
10.0
1.0
50
CDLL0.5A40
40
0.50
0.65
10.0
1.0
50
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100 ÞC/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZJX): 20
ÞC/W maximum
POLARITY: Cathode end is banded.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
• 1N6677UR-1 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/610
• 0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
• HERMETICALLY SEALED
•LEADLESS PACKAGE FOR SURFACE MOUNT
• METALLURGICALLY BONDED
• DOUBLE PLUG CONSTRUCTION
1N6677UR-1
and
CDLL6675 thru CDLL6677
and
CDLL0.2A20 thru 40
and
CDLL0.5A20 thru 40


Similar Part No. - CDLL0.2A40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CDLL0.5A20 MICROSEMI-CDLL0.5A20 Datasheet
417Kb / 6P
200 and 500 mA Schottky Barrier Rectifier
CDLL0.5A30 MICROSEMI-CDLL0.5A30 Datasheet
417Kb / 6P
200 and 500 mA Schottky Barrier Rectifier
CDLL0.5A40 MICROSEMI-CDLL0.5A40 Datasheet
417Kb / 6P
200 and 500 mA Schottky Barrier Rectifier
More results

Similar Description - CDLL0.2A40

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6675 CDI-DIODE-1N6675 Datasheet
69Kb / 2P
0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
BAT42W SECOS-BAT42W Datasheet
109Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
BAT42WS SECOS-BAT42WS Datasheet
172Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P Datasheet
125Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V Datasheet
199Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
BAT42W SECOS-BAT42W_15 Datasheet
233Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
BAT42WS SECOS-BAT42WS_15 Datasheet
638Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
1N6675 NJSEMI-1N6675 Datasheet
88Kb / 1P
0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com