Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3399EF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3399EF
Description  24 strings White LED Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399EF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3399EF Datasheet HTML 1Page - Monolithic Power Systems MP3399EF Datasheet HTML 2Page - Monolithic Power Systems MP3399EF Datasheet HTML 3Page - Monolithic Power Systems MP3399EF Datasheet HTML 4Page - Monolithic Power Systems MP3399EF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV3399EF-00A
24 strings White LED Driver
Evaluation Board
EV3399EF-00A Rev.1.0
www.MonolithicPower.com
1
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3399EF-00A is an evaluation board for the
MP3399EF, a 12 LED channels step-up converter
designed for large liquid-crystal displays that employ
an array of LEDs as the light source. The board
builds with two MP3399EF in parallel to drive 24
strings LEDs with 60mA maximum current.
The MP3399 uses external power mosfet and
internal
current
mode,
fixed
frequency
architecture and includes current ballast in each
string terminal, which achieves 2.5% current
regulation
accuracy
between
strings.
Low
feedback voltage at each LED string help reduce
power loss and improve efficiency.
The MP3399 has multiple features to protect the
converter from fault conditions, including under-
voltage lockout, current limiting, over voltage,
short LED, open LED and thermal shut-down
protection.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
8 – 28
V
LEDs #
24 strings parallel
&12 LEDs/string
LED Current
ILED
20/string
mA
FEATURES
• 8V to 28V Input Voltage Range
• External Power MOSFET
• Up to 90% Efficiency
• Programmable Over Voltage Protection
• Drives up to 24 Strings Parallel 2.5%
Current Regulation Accuracy Between Strings
• Programmable Switching Frequency:
• PWM Dimming
• Open and Short LED Load Protection
• Thermal Shutdown
APPLICATIONS
• Notebook PC
• LCD Monitor
• LCD TV
• Handy Terminals Display
• Automotive Systems and Tablet Computer
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3399EF-00A EVALUATION BOARD
(L x W x H) 7.8cm x 4.7cm x 1.0cm
Board Number
MPS IC Number
EV3399EF-00A
MP3399EF


Similar Part No. - MP3399EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3399EF MPS-MP3399EF Datasheet
551Kb / 19P
12-String, Cascading White LED Driver For Extending LED Channels
More results

Similar Description - MP3399EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com