Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0410CDMCCDS-R22MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0410CDMCCDS-R22MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0410CDMCCDS-R22MC Datasheet(HTML) 3 Page - Sumida Corporation

  0410CDMCCDS-R22MC Datasheet HTML 1Page - Sumida Corporation 0410CDMCCDS-R22MC Datasheet HTML 2Page - Sumida Corporation 0410CDMCCDS-R22MC Datasheet HTML 3Page - Sumida Corporation 0410CDMCCDS-R22MC Datasheet HTML 4Page - Sumida Corporation 0410CDMCCDS-R22MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
14.00
0410CDMCCDS-R10MC
0.10 ± 20%
5.80 (4.80)
14.40
13.00
0410CDMCCDS-R15MC
0.15 ± 20%
6.30 (5.20)
13.10
9.00
0410CDMCCDS-R22MC
0.22 ± 20%
11.70 (9.70)
9.20
6.00
0410CDMCCDS-R33MC
0.33 ± 20%
23.00
(19.20)
8.10
5.00
0410CDMCCDS-R47MC
0.47 ± 20%
30.50
(25.40)
6.40
4.50
0410CDMCCDS-R56MC
0.56 ± 20%
34.50
(28.80)
6.20
4.00
0410CDMCCDS-R68MC
0.68 ± 20%
38.90
(32.40)
5.10
3.70
0410CDMCCDS-1R0MC
1.00 ± 20%
56.00
(49.00)
4.10
3.50
0410CDMCCDS-1R2MC
1.20 ± 20%
66.00
(57.00)
3.80
3.20
0410CDMCCDS-1R5MC
1.50 ± 20%
82.00
(72.00)
3.40
2.90
0410CDMCCDS-2R2MC
2.20 ± 20%
107 (93.00)
3.10
1.80
0410CDMCCDS-3R3MC
3.30 ± 20%
203 (177)
2.60
1.75
0410CDMCCDS-4R7MC
4.70 ± 20%
243 (211)
1.90
1.70
0410CDMCCDS-6R8MC
6.80 ± 20%
257 (224)
1.70
1.60
0410CDMCCDS-100MC
10.00 ± 20%
318 (277)
1.65
※1 Measuring frequency Inductance at 100kHz 1V.
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its initial
value.
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes
△T=40℃ (Ta=25℃).(Test board condition: FR4, Copper=70μm, four-layer PWB t=1.6mm)
0410CDMCC/DS
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 5
Ver. 2018-05-08
WWW.SUMIDA.COM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com