Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0415CDMCCDS-R47MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0415CDMCCDS-R47MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0415CDMCCDS-R47MC Datasheet(HTML) 3 Page - Sumida Corporation

  0415CDMCCDS-R47MC Datasheet HTML 1Page - Sumida Corporation 0415CDMCCDS-R47MC Datasheet HTML 2Page - Sumida Corporation 0415CDMCCDS-R47MC Datasheet HTML 3Page - Sumida Corporation 0415CDMCCDS-R47MC Datasheet HTML 4Page - Sumida Corporation 0415CDMCCDS-R47MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
12.00
0415CDMCCDS-R22MC
0.22 ± 20%
7.20 (6.00)
14.00
11.60
0415CDMCCDS-R33MC
0.33 ± 20%
8.40 (7.00)
11.00
8.40
0415CDMCCDS-R47MC
0.47 ± 20%
13.20
(11.00)
10.00
8.70
0415CDMCCDS-R56MC
0.56 ± 20%
14.40
(12.00)
8.70
7.30
0415CDMCCDS-R68MC
0.68 ± 20%
19.20
(16.00)
8.60
5.60
0415CDMCCDS-1R0MC
1.00 ± 20%
27.60
(23.00)
8.00
4.70
0415CDMCCDS-1R5MC
1.50 ± 20%
42.00
(35.00)
6.00
3.30
0415CDMCCDS-2R2MC
2.20 ± 20%
78.00
(65.00)
5.50
3.20
0415CDMCCDS-3R3MC
3.30 ± 20%
92.40
(77.00)
4.00
2.60
0415CDMCCDS-4R7MC
4.70 ± 20%
130 (108)
3.00
2.10
0415CDMCCDS-6R8MC
6.80 ± 20%
206.40 (172)
2.50
※1 Measuring frequency Inductance at 100kHz 1V.
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its initial
value.
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes
△T=40℃ (Ta=25℃).(Test board condition: FR4, Copper=70μm, four-layer PWB t=1.6mm)
0415CDMCC/DS
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 5
Ver. 2018-05-02
WWW.SUMIDA.COM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com