Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0412CDMCCDS-R68MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # 0412CDMCCDS-R68MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0412CDMCCDS-R68MC Datasheet(HTML) 2 Page - Sumida Corporation

  0412CDMCCDS-R68MC Datasheet HTML 1Page - Sumida Corporation 0412CDMCCDS-R68MC Datasheet HTML 2Page - Sumida Corporation 0412CDMCCDS-R68MC Datasheet HTML 3Page - Sumida Corporation 0412CDMCCDS-R68MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Power Inductor
0412CDMCC/DS
Page 2 of 4
Revised: 12-Mar-18
Electrical Characteristics
※1 Measuring frequency Inductance at 100kHz 1V.
※2 Saturation current: This indicates the value of D.C. current when the inductance becomes 30% lower than its
initial value.
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40℃
(Ta=25℃).
(Test board condition: FR4, Copper=70
μm, four-layer PWB t=1.6mm)
Part No.
Stamp
Inductance(
μH)
[Within]
※1
D.C.R(
mΩ)
Max.(Typ.)
at 25℃
Saturation Current
(A)Max.(Typ.)
at 25℃ ※2
Temperature
rise current(A)
Typ.※3
0412CDMCCDS-R10MC
R10
0.10±20%
7.2(6.0)
16.5(19.5)
11.5
0412CDMCCDS-R12MC
R12
0.12±20%
7.8(6.5)
16.0(19.0)
11.0
0412CDMCCDS-R15MC
R15
0.15±20%
9.6(8.0)
14.5(17.0)
9.4
0412CDMCCDS-R22MC
R22
0.22±20%
11.0(9.2)
12.0(14.0)
9.0
0412CDMCCDS-R33MC
R33
0.33±20%
19(17)
9.4(11.0)
6.5
0412CDMCCDS-R47MC
R47
0.47±20%
21(19)
8.2(9.7)
6.0
0412CDMCCDS-R68MC
R68
0.68±20%
36(32)
6.9(8.0)
4.7
0412CDMCCDS-1R0MC
1R0
1.0±20%
47(43)
6.0(7.1)
4.1
0412CDMCCDS-1R5MC
1R5
1.5±20%
75(68)
3.6(4.2)
2.9
0412CDMCCDS-2R2MC
2R2
2.2±20%
84(80)
3.4(4.0)
2.7
0412CDMCCDS-3R3MC
3R3
3.3±20%
140(125)
3.2(3.8)
2.1
0412CDMCCDS-4R7MC
4R7
4.7±20%
195(175)
2.6(3.1)
1.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com