Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0512CDMCCDS-R68MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0512CDMCCDS-R68MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0512CDMCCDS-R68MC Datasheet(HTML) 3 Page - Sumida Corporation

  0512CDMCCDS-R68MC Datasheet HTML 1Page - Sumida Corporation 0512CDMCCDS-R68MC Datasheet HTML 2Page - Sumida Corporation 0512CDMCCDS-R68MC Datasheet HTML 3Page - Sumida Corporation 0512CDMCCDS-R68MC Datasheet HTML 4Page - Sumida Corporation 0512CDMCCDS-R68MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
14.00
0512CDMCCDS-R10MC
0.10 ± 20%
5.40 (4.50)
17.00
10.60
0512CDMCCDS-R22MC
0.22 ± 20%
8.40 (7.00)
14.00
10.70
0512CDMCCDS-R33MC
0.33 ± 20%
10.80 (9.00)
13.00
8.80
0512CDMCCDS-R47MC
0.47 ± 20%
13.20
(11.00)
11.00
7.20
0512CDMCCDS-R56MC
0.56 ± 20%
18.60
(15.50)
8.00
7.00
0512CDMCCDS-R68MC
0.68 ± 20%
20.40
(17.00)
7.80
5.70
0512CDMCCDS-1R0MC
1.00 ± 20%
31.80
(26.50)
6.50
5.30
0512CDMCCDS-1R5MC
1.50 ± 20%
42.00
(35.00)
6.00
3.60
0512CDMCCDS-2R2MC
2.20 ± 20%
72.60
(60.50)
4.80
2.90
0512CDMCCDS-3R3MC
3.30 ± 20%
107.40
(89.50)
3.80
2.30
0512CDMCCDS-4R7MC
4.70 ± 20%
166.20
(138.50)
3.20
※1 Measuring frequency Inductance at 100kHz 1V.
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its initial
value.
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes
△T=40℃ (Ta=25℃).(Test board condition: FR4, Copper=70μm, four-layer PWB t=1.6mm)
0512CDMCC/DS
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 5
Ver. 2018-05-02
WWW.SUMIDA.COM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com