Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT2016SC Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NT2016SC
Description  Temperature Compensated Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NT2016SC Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NT2016SC Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
1803D_NT2016SC_e
Temperature Compensated Crystal Oscillator(TCXO)
with two outputs of same frequency and E/D function
NT2016SC
Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
■ Main Application
● Supports low power supply voltage. (Supports DC +1.7V to +3.3V. Standard
specification : +1.8V)
● Ultra-compact and light with a height, cubic volume, and weight of Max. 0.8 mm,
0.0022 cm3, and 0.008 g, respectively.
● A surface-mount crystal oscillator. (Reflow soldering is possible.)
● Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
● With Enable / Disable function (This function can be used for both output1 and 2).
● It is possible to choose the AFC function instead of the Enable/Disable function for
output 2.
■ Features
Item
Model
NT2016SC
Nominal Frequency Range (MHz)
10 to 52
Standard Frequency (MHz)
26
38.4
52
Supply Voltage [VCC] (V)
+1.8
Load Impedance
10 kΩ//10 pF
Current Consumption (mA) (Two outputs)
Max. 2.0
Max. 2.2
Max. 2.4
Output Voltage
Min. 0.8 V(p-p) (DC Coupling *1)
Frequency/Temperature Characteristics
Max. ±2.0×10–6 (Max. ±0.5×10–6 available)
Operating Temperature Range (°C)
–30 to +85
Storage Temperature Range (°C)
–40 to +85
Frequency/Voltage Coefficient
Max. ±0.1×10–6/+1.8 V±5 %
Frequency/Load Coefficient
Max. ±0.1×10–6/(10 kΩ//10 pF) ±10 %
Long-term Frequency Stability
Max. ±1.0×10–6/year
Specification Number
NSA3502B
NSA3502C
NSA3502D
• Frequency setting conditions : Frequencies are set at normal temperatures (+25±2 °C).
*1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (1,000 pF) to the line-out terminal of the oscillator.
■ Specifications
mm
#1
#2
#3
#4
#5
#6
Control Voltage (Enable/
Disable) for output2
Output2 (Analog)
GND
Output1 (Analog)
Control Voltage (Enable/
Disable) for output1
VCC
Terminal land connections
#1
#2
#4
#5
#6
#4
#5
#6
#3
#1
#2
#3
2.0±0.1
(0.6)
(1.2)
(0.5)
(0.6)
1.2±0.05
0.5
0.4±0.1
■ Dimensions
Enable/Disable input or
AFC for output2
Enable/Disable input
for output1


Similar Part No. - NT2016SC

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT2016SC NDK-NT2016SC Datasheet
554Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO) NT2016S Series(with two outputs of same frequency)
NT2016SC-26M-NSA3502B NDK-NT2016SC-26M-NSA3502B Datasheet
554Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO) NT2016S Series(with two outputs of same frequency)
NT2016SC-38.4M-NSA3502C NDK-NT2016SC-38.4M-NSA3502C Datasheet
554Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO) NT2016S Series(with two outputs of same frequency)
NT2016SC-52M-NSA3502D NDK-NT2016SC-52M-NSA3502D Datasheet
554Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO) NT2016S Series(with two outputs of same frequency)
More results

Similar Description - NT2016SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com