Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLNP Datasheet(PDF) 2 Page - Schurter Inc.

Part # DLNP
Description  Linear Choke, compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLNP Datasheet(HTML) 2 Page - Schurter Inc.

  DLNP Datasheet HTML 1Page - Schurter Inc. DLNP Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Suppression Chokes
DLNP
https://www.schurter.com /PG81_82
EMC Products
Dimension [mm]
Case 48-1
10.5 max.
2
5 ±0.2
3.5
0
-0.5
8.2 max.
2
4
3
1
6.25±0.2
Diagrams
Application in DC-DC Converter
1)
2)
DLH/DLN/DLO
DS/DSO
DLH/DLN/DLO
1) DC-Input unregulated
2) DC-Output regulated
Derating Curves
Inductance variation as function of the magnetizing current
All Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
fRES
[MHz]
Weight [g]
Housings
Packing unit [pcs.]
Order Number
0.6
0.1
600
9
1 g
48-1
176
DLNP-6148-D6D1
1
0.05
280
15
1 g
48-1
176
DLNP-6148-01C5
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-
SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com