Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA11210 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11210
Description  ~30° medium beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11210 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11210 Datasheet HTML 1Page - Ledil, Inc. FA11210 Datasheet HTML 2Page - Ledil, Inc. FA11210 Datasheet HTML 3Page - Ledil, Inc. FA11210 Datasheet HTML 4Page - Ledil, Inc. FA11210 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FA11210_TINA-M
TINA-M
~30° medium beam optimized for LUXEON
Rebel. Assembly with holder and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.4 mm
Fastening
tape, pin
Colour
black
Box size
Box weight
0 kg
Quantity in Box
2016 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA-M
Lens
PMMA
clear
TINA-H-TAPE-RE-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11210

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11210 CREE-FA11210 Datasheet
487Kb / 9P
Tina series
More results

Similar Description - FA11210

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13100 LEDIL-CA13100 Datasheet
2Mb / 4P
~40째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA13178 LEDIL-CA13178 Datasheet
2Mb / 4P
~55째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA13179 LEDIL-CA13179 Datasheet
2Mb / 4P
~70째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA13180 LEDIL-CA13180 Datasheet
2Mb / 4P
~60째 x 40째 oval beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FA11203 LEDIL-FA11203_18 Datasheet
3Mb / 6P
~35째 x 15째 oval beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA11211 LEDIL-FA11211_18 Datasheet
2Mb / 5P
~50째 wide beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA12040 LEDIL-FA12040 Datasheet
2Mb / 4P
~30째 medium beam designed for LUXEON Rebel ES. Assembly with holder and installation tape.
FCX10851 LEDIL-FCX10851 Datasheet
2Mb / 4P
~30째 medium beam optimized for LUXEON Rebel. Assembly with white holder.
CA12264 LEDIL-CA12264 Datasheet
2Mb / 4P
~25째 medium beam optimized for LUXEON Rebel. 14.4 mm high assembly with installation tape.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com