Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54L72J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54L72J
Description  AND-Gated Master-Slave J-K Flip-Flop with Preset, Clear and Complementary Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54L72J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM54L72J Datasheet HTML 1Page - National Semiconductor (TI) DM54L72J Datasheet HTML 2Page - National Semiconductor (TI) DM54L72J Datasheet HTML 3Page - National Semiconductor (TI) DM54L72J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
8V
Input Voltage
55V
Operating Free Air Temperature Range
DM54L
b
55 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guarateed
The device should not be operated at these limits The para-
metric values defined in the ‘‘Electrical Characteristics’’ ta-
ble are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54L72
Units
Min
Nom
Max
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
Clock
06
V
Others
07
IOH
High Level Output Current
b
02
mA
IOL
Low Level Output Current
2
mA
fCLK
Clock Frequency (Note 2)
0
6
MHz
tW
Pulse Width (Note 2)
Clock High
100
Clock Low
100
ns
Preset Low
100
Clear Low
100
tSU
Input Setup Time (Notes12)
0
u
ns
tH
Input Hold Time (Notes12)
0
v
ns
TA
Free Air Operating Temperature
b
55
125
C
Note 1
The symbols (
u v) indicate the edge of the clock pulse used for reference u for rising edge v for falling edge
Note 2
TA e 25 C and VCC e 5V
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com