Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS962 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS962
Description  Dual Rank 8-Bit TRI-STATE Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS962 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS962 Datasheet HTML 1Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 2Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 3Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 4Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 5Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 6Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 7Page - National Semiconductor (TI) DM74LS962 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics VCC e 5V and TA e 25 C
Symbol
Parameter
Conditions
Min
Max
Units
fMAX
Maximum Clock Frequency
25
MHz
tPLH
Propagation Delay Time Low-to-High-Level
733
ns
from Clock to Any Outputs
tPHL
Propagation Delay Time High-to-Low Level
10
48
ns
from Clock to Any Outputs
CL e 15 pF RL e 1kX
tENABLE
Enable Time from Any Control Inputs
5
30
ns
tDISABLE
Disable Time from Any Control Inputs
6
30
ns
tZH
Output Enable Time to High Level
5
23
ns
tZL
Output Enable to Low Level
4
18
ns
tHZ
Output Disable Time from High Level
CL e 5 pF RL e 1kX
523
ns
tLZ
Output Disable Time from Low Level
6
27
ns
Logic Diagram
TLF6438 – 2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com