Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM86LS62N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM86LS62N
Description  Dual Rank 8-Bit TRI-STATE Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM86LS62N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM86LS62N Datasheet HTML 1Page - National Semiconductor (TI) DM86LS62N Datasheet HTML 2Page - National Semiconductor (TI) DM86LS62N Datasheet HTML 3Page - National Semiconductor (TI) DM86LS62N Datasheet HTML 4Page - National Semiconductor (TI) DM86LS62N Datasheet HTML 5Page - National Semiconductor (TI) DM86LS62N Datasheet HTML 6Page - National Semiconductor (TI) DM86LS62N Datasheet HTML 7Page - National Semiconductor (TI) DM86LS62N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note)
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM74LSDM86LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 seconds)
300 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
475
5
525
V
VIH
High-Level Input Voltage
2
V
VIL
Low-Level Input Voltage
08
V
IOH
High-Level Output Current
b
52
mA
IOL
Low-Level Output Current
16
mA
fCLOCK
Clock Frequency (Note 5)
0
25
MHz
Clock
High Pulse Width (Note 5)
25
17
ns
Pulse
Low Pulse Width (Note 5)
15
7
ns
tSET-UP
Data Set-Up Time (Note 5)
10
ns
tHOLD
Data Hold Time (Note 5)
0
ns
TA
Free Air Operating Temperature
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions (1)
Min
Typ (2)
Max
Units
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High-Level Output Voltage
VCC e Min VIH e 2V
IOH eb26 mA
V
VIL e VIL Max
IOH eb52 mA
24
VOL
Low-Level Output Voltage
VCC e Min VIH e 2V
IOL e 8 mA
025
04
V
VIL e VIL Max
IOL e 16 mA
035
05
II
Input Current at Maximum
VCC e Max VI e 55V
01
mA
Input Voltage
IIH
High-Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low-Level Input Current
VCC e Max VI e 04V
b
50
m
A
IOS
Short-Circuit Output Current
VCC e Max (3)
b
20
b
100
mA
ICC
Supply Current
VCC e Max (4)
61
99
mA
IOFF
TRI-STATE IO Current
VCC e Max VIH e 2V
VO e 24V
20
m
A
VO e 04V
b
20
m
A
Note 1
For conditions shown as min or max use the appropriate value specified under recommended operating conditions
Note 2
All typical values are at VCC e 5V TA e 25 C
Note 3
Not more than one output should be shorted at a time and the duration of the short circuit should not exceed one second
Note 4
ICC is measured with serial output open the clock and shift disable input at 24V All other control inputs and IO pins grounded
Note 5
TA e 25 C and VCC e 5V
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com