Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12SQ080 Datasheet(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # 12SQ080
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

12SQ080 Datasheet(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  12SQ080 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. 12SQ080 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
12SQ030 thru 12SQ100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=75℃
TJ=100℃
TJ=25℃
CASE TEMPERATURE ℃
FIG.1-FORWARD CURRENT DERATING CURVE
8.0
2.0
0
10.0
6.0
4.0
12.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
25
50
75
100
125
150
175
200
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITVE SURGE
8.3Single Half-Sine-Wave
(JEDEC METOD)
1
2
5
10
20
50
100
0
60
180
240
300
120
360
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE VOLTS
TJ=25℃ ,f=1MHZ
10
100
1000
0.1
1
4
100
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0 1.2
12SQ030 - 12SQ035
12SQ080 - 12SQ100
TJ=25℃
PULSE WIDTH 300US
2%DUTY CYCLE
12SQ050 - 12SQ060
12SQ040 -
12SQ045
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE
1.0
10
100
0.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com