Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

177CDMCCDS-R68MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 177CDMCCDS-R68MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

177CDMCCDS-R68MC Datasheet(HTML) 3 Page - Sumida Corporation

  177CDMCCDS-R68MC Datasheet HTML 1Page - Sumida Corporation 177CDMCCDS-R68MC Datasheet HTML 2Page - Sumida Corporation 177CDMCCDS-R68MC Datasheet HTML 3Page - Sumida Corporation 177CDMCCDS-R68MC Datasheet HTML 4Page - Sumida Corporation 177CDMCCDS-R68MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
57.00
177CDMCCDS-R47MC
0.47 ± 20%
0.90 (0.78)
85.50
47.00
177CDMCCDS-R68MC
0.68 ± 20%
1.21 (1.05)
80.00
44.60
177CDMCCDS-1R0MC
1.00 ± 20%
1.38 (1.20)
60.80
31.20
177CDMCCDS-2R2MC
2.20 ± 20%
2.65 (2.30)
40.80
26.50
177CDMCCDS-3R3MC
3.30 ± 20%
3.11 (2.70)
31.80
18.00
177CDMCCDS-4R7MC
4.70 ± 20%
4.83 (4.20)
35.00
16.70
177CDMCCDS-6R8MC
6.80 ± 20%
7.13 (6.20)
24.70
14.50
177CDMCCDS-8R2MC
8.20 ± 20%
9.20 (8.00)
22.60
13.50
177CDMCCDS-100MC
10.00 ± 20%
10.60 (9.20)
21.30
12.50
177CDMCCDS-150MC
15.00 ± 20%
14.70
(12.80)
17.00
8.80
177CDMCCDS-220MC
22.00 ± 20%
25.30
(22.00)
16.00
7.20
177CDMCCDS-330MC
33.00 ± 20%
38.00
(33.00)
11.40
6.50
177CDMCCDS-470MC
47.00 ± 20%
49.20
(42.80)
9.10
Measuring frequency: Inductance at 100kHz, 1V
Saturation current: The actual value of DC current when the inductance is over 70% of the initial value.
Temperature rise current: The actual value of DC current when the coil temperature rise is △T=40℃.
(Test board condition : FR4, Copper=70μm, four-layer PWB, t=1.6mm)
177CDMCC/DS
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 5
Ver. 2018-05-02
WWW.SUMIDA.COM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com