Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0624CDMCCDS-R15MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0624CDMCCDS-R15MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0624CDMCCDS-R15MC Datasheet(HTML) 3 Page - Sumida Corporation

  0624CDMCCDS-R15MC Datasheet HTML 1Page - Sumida Corporation 0624CDMCCDS-R15MC Datasheet HTML 2Page - Sumida Corporation 0624CDMCCDS-R15MC Datasheet HTML 3Page - Sumida Corporation 0624CDMCCDS-R15MC Datasheet HTML 4Page - Sumida Corporation 0624CDMCCDS-R15MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
42.00
0624CDMCCDS-R08MC
0.08 ± 20%
0.85 (0.70)
85.00
40.00
0624CDMCCDS-R10MC
0.10 ± 20%
0.96 (0.80)
47.00
40.00
0624CDMCCDS-R12MC
0.12 ± 20%
0.96 (0.80)
39.00
38.00
0624CDMCCDS-R15MC
0.15 ± 20%
1.08 (0.90)
37.00
22.00
0624CDMCCDS-R22MC
0.22 ± 20%
3.00 (2.50)
36.10
20.50
0624CDMCCDS-R33MC
0.33 ± 20%
4.10 (3.50)
28.50
17.50
0624CDMCCDS-R47MC
0.47 ± 20%
5.10 (4.50)
24.50
15.40
0624CDMCCDS-R56MC
0.56 ± 20%
6.50 (5.50)
20.00
15.00
0624CDMCCDS-R68MC
0.68 ± 20%
7.00 (6.20)
18.80
12.60
0624CDMCCDS-1R0MC
1.00 ± 20%
9.60 (8.00)
16.20
8.70
0624CDMCCDS-1R5MC
1.50 ± 20%
19.20
(16.00)
15.00
7.00
0624CDMCCDS-2R2MC
2.20 ± 20%
28.00
(23.00)
12.80
5.50
0624CDMCCDS-3R3MC
3.30 ± 20%
48.00
(40.00)
10.60
4.80
0624CDMCCDS-4R7MC
4.70 ± 20%
54.00
(45.00)
7.60
4.20
0624CDMCCDS-6R8MC
6.80 ± 20%
66.00
(55.00)
6.70
3.10
0624CDMCCDS-100MC
10.00 ± 20%
101 (92.00)
5.50
2.50
0624CDMCCDS-150MC
15.00 ± 20%
160 (145)
3.70
1.90
0624CDMCCDS-220MC
22.00 ± 20%
242 (222)
3.20
※1 Measuring frequency Inductance at 100kHz ,1.0V
※2 Saturation current: The actual value of DC current when the inductance is over 70% of its initial value. (at 25℃ )
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is △T=40℃(Ta=25℃) Board
conditions: FR4, Copper=70μm,four-layer PWB, t=1.6mm.
0624CDMCC/DS
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 5
Ver. 2018-05-02
WWW.SUMIDA.COM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com