Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125CDMCCDS-R47MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 125CDMCCDS-R47MC
Description  SMD Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

125CDMCCDS-R47MC Datasheet(HTML) 3 Page - Sumida Corporation

  125CDMCCDS-R47MC Datasheet HTML 1Page - Sumida Corporation 125CDMCCDS-R47MC Datasheet HTML 2Page - Sumida Corporation 125CDMCCDS-R47MC Datasheet HTML 3Page - Sumida Corporation 125CDMCCDS-R47MC Datasheet HTML 4Page - Sumida Corporation 125CDMCCDS-R47MC Datasheet HTML 5Page - Sumida Corporation 125CDMCCDS-R47MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
40.00
125CDMCCDS-R36MC
0.36 ± 20%
0.95 (0.72)
80.00
37.00
125CDMCCDS-R47MC
0.47 ± 20%
1.10 (0.80)
62.00
33.00
125CDMCCDS-R68MC
0.68 ± 20%
1.30 (1.10)
60.00
31.00
125CDMCCDS-R82MC
0.82 ± 20%
1.80 (1.50)
50.00
28.00
125CDMCCDS-1R0MC
1.00 ± 20%
1.90 (1.60)
47.00
22.00
125CDMCCDS-1R5MC
1.50 ± 20%
3.30 (2.80)
38.00
21.00
125CDMCCDS-1R8MC
1.80 ± 20%
3.50 (3.00)
35.00
20.00
125CDMCCDS-2R2MC
2.20 ± 20%
4.20 (3.50)
34.00
17.00
125CDMCCDS-3R3MC
3.30 ± 20%
7.80 (6.50)
27.00
14.00
125CDMCCDS-4R7MC
4.70 ± 20%
10.00 (8.40)
22.00
11.00
125CDMCCDS-6R8MC
6.80 ± 20%
18.00
(14.50)
17.00
10.00
125CDMCCDS-8R2MC
8.20 ± 20%
19.00
(16.00)
15.00
9.00
125CDMCCDS-100MC
10.00 ± 20%
22.00
(19.00)
14.00
8.50
125CDMCCDS-150MC
15.00 ± 20%
26.00
(22.00)
11.00
6.50
125CDMCCDS-220MC
22.00 ± 20%
40.40
(33.70)
8.50
6.00
125CDMCCDS-330MC
33.00 ± 20%
57.00
(47.50)
7.20
4.50
125CDMCCDS-470MC
47.00 ± 20%
97.20
(81.00)
6.30
125CDMCC/DS
SMD Power Inductor
※1 Measuring frequency Inductance at 100kHz, 1V
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its initial
value
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40℃ (Ta=25℃).
(Test board condition: FR4, Copper=70μm, four-layer PWB t=1.6mm)
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 6
Ver. 2018-05-02
WWW.SUMIDA.COM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com