Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV2496M-R-00A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV2496M-R-00A
Description  2.5A, 36V, Frequency Selectable Step-Down Converter with Singel USB Charging Port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV2496M-R-00A Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV2496M-R-00A Datasheet HTML 1Page - Monolithic Power Systems EV2496M-R-00A Datasheet HTML 2Page - Monolithic Power Systems EV2496M-R-00A Datasheet HTML 3Page - Monolithic Power Systems EV2496M-R-00A Datasheet HTML 4Page - Monolithic Power Systems EV2496M-R-00A Datasheet HTML 5Page - Monolithic Power Systems EV2496M-R-00A Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV2496M-R-00A
2.5A, 36V, Frequency Selectable
Step-Down Converter
with Singel USB Charging Port
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
EV2496M-R-00A Rev. 1.1
www.MonolithicPower.com
1
3/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2496M-R-00A Evaluation Board is
designed to demonstrate the capabilities of
MPS’
MP2496M.
MP2496M
integrates
a
monolithic step-down switch mode converter
and one USB current limit switch with charging
port identification circuit. It achieves 2.5A
continuous output current over a wide input
supply range with excellent load and line
regulation.
The output of USB switch is current limited.
MP2496M provides a USB Dedicate Charging
Port (DCP) which supports Battery Charging
Specification 1.2 (BC1.2), the Divider Mode,
and 1.2V/1.2V Mode without the need of
outside user interaction.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
7-36
V
Output Voltage
VUSB
5
V
Switching Frequency
Fs
250
kHz
Output Current
IUSB
2.5
A
FEATURES
 EMI Reduction Technique
 Wide 7V to 36V Operating Input Voltage
Range
 Fixed 5V Output Voltage with Line Drop
Compensation
 Accurate Output Current Limit
 350kHz/250kHz/150kHz
Frequency
Selectable
 Programmable Line Drop Compensation
 Supporting DCP schemes for BC1.2,
Divider Mode, and 1.2V/1.2V Mode
APPLICATIONS
 USB Dedicated Charging Port (DCP)
 Automotive Cigarette Lighter Adapters
 Power Supply for Linear Chargers
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation), AAM (….) areTrademarks of
Monolithic Power Systems, Inc.
EV2496M-R-00A EVALUATION BOARD
(L x W x H) 5.5cm x 1.4cm x 1.1cm
(Two Layer PCB)
Board Number
MPS IC Number
EV2496M-R-00A
MP2496M


Similar Part No. - EV2496M-R-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
More results

Similar Description - EV2496M-R-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MPQ4475M MPS-MPQ4475M Datasheet
618Kb / 17P
36V, 2.5A, Frequency Selectable, Step-Down Converter with Single USB Charging Port AEC-Q100 Qualified
MP5402M MPS-MP5402M Datasheet
715Kb / 17P
5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
MP5408M MPS-MP5408M Datasheet
895Kb / 21P
36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
MP2496M MPS-MP2496M Datasheet
620Kb / 17P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
EV5402M-R-00A MPS-EV5402M-R-00A Datasheet
468Kb / 6P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EV5402M-R-00B MPS-EV5402M-R-00B Datasheet
1Mb / 7P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
EVQ4491M-RE-00A MPS-EVQ4491M-RE-00A Datasheet
408Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
MPQ4475-E MPS-MPQ4475-E Datasheet
995Kb / 17P
36V, 2.5A, Frequency Selectable,36V, 2.5A, Frequency Selectable,with Single USB Charging Port AEC-Q100 Qualified
Rev. 1.0 10/24/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com