Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3351DQ Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3351DQ
Description  Integrated Photo Flash Charger IGBT Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3351DQ Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3351DQ Datasheet HTML 1Page - Monolithic Power Systems MP3351DQ Datasheet HTML 2Page - Monolithic Power Systems MP3351DQ Datasheet HTML 3Page - Monolithic Power Systems MP3351DQ Datasheet HTML 4Page - Monolithic Power Systems MP3351DQ Datasheet HTML 5Page - Monolithic Power Systems MP3351DQ Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV3351DQ-00A – INTEGRATED PHOTO FLASH CHARGER IGBT DRIVER EV BOARD
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV3351DQ-00A Rev. 1.0
www.MonolithicPower.com
6
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE
Note: Please remove R27 if wish to use two separate supplies (VIN and VCC). Otherwise VCC will be
powered directly from VIN and VIN-MAX=6V!
1. Solder Q1, trigger coil-T2 and Xenon Flash tube to the board if they are not populated.
2. Turn off power supply.
3. Attach the positive terminal of the power supply (3V - 6V) to VIN.
4. Attach the negative terminal of the power supply to GND pin.
5. Turn on power supply.
6. SW1 works with SW3 to set flash mode.
a. Press SW1 once to trigger the flash sequencing. First, the microcontroller will enable charge
for certain time and then trigger the IGBT to light up the flash tube
b. Switch SW3 Bit0 to “1” to turn on flash mode
c. Switch SW3 Bit1 to “1” will set the charge time to be about 12.8S +3.2S (if Bit2 is set to “1”)
before flash
d. Switch SW3 Bit2 to “1” will set the charge time to be about 3.2S +12.8S (if Bit1 is set to “1”)
before flash
c. Switch SW3 Bit”3” to “1” will set “red eye reduction” mode. The flash will be triggered for a few
small pulses after the Co is charged up, and Co will be completely discharged by following
flash.
7. SW2 serves as a toggle SW to start/stop the charge, no flash will be triggered.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com