Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630A Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4630A
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630A Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4630A Datasheet HTML 17Page - Linear Technology LTM4630A Datasheet HTML 18Page - Linear Technology LTM4630A Datasheet HTML 19Page - Linear Technology LTM4630A Datasheet HTML 20Page - Linear Technology LTM4630A Datasheet HTML 21Page - Linear Technology LTM4630A Datasheet HTML 22Page - Linear Technology LTM4630A Datasheet HTML 23Page - Linear Technology LTM4630A Datasheet HTML 24Page - Linear Technology LTM4630A Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTM4630A
21
4630afb
For more information www.linear.com/LTM4630A
operating conditions in the software model, a thorough
laboratory evaluation replicates the simulated conditions
with thermocouples within a controlled-environment
chamberwhileoperatingthedeviceatthesamepowerloss
as that which was simulated. An outcome of this process
and due-diligence yields a set of derating curves provided
in other sections of this data sheet. After these laboratory
test have been performed and correlated to the µModule
model, then the θJB and θBA are summed together to cor-
relate quite well with the µModule model with no airflow or
heat sinking in a properly define chamber. This θJB + θBA
value is shown in the Pin Configuration section and should
accurately equal the θJA value because approximately
100% of power loss flows from the junction through the
board into ambient with no airflow or top mounted heat
sink. Each system has its own thermal characteristics,
therefore thermal analysis must be performed by the user
in a particular system.
The LTM4630A module has been designed to effectively
remove heat from both the top and bottom of the pack-
age. The bottom substrate material has very low thermal
resistance to the printed circuit board. An external heat
sink can be applied to the top of the device for excellent
heat sinking with airflow.
Figures10and11showtemperatureplotsoftheLTM4630A
with no heat sink and 200LFM airflow.
These plots equate to a paralleled 12V to 1.0V at 36A
design operating at 86.5% efficiency, and 12V to 3.3V at
36A design operating at 93.7% efficiency.
APPLICATIONS INFORMATION
Safety Considerations
The LTM4630A modules do not provide isolation from
VIN to VOUT. There is no internal fuse. If required, a slow
blow fuse with a rating twice the maximum input current
needstobeprovidedtoprotecteachunitfromcatastrophic
failure. The device does support over current protection.
A temperature diode is provided for monitoring internal
temperature,andcanbeusedtodetecttheneedforthermal
shutdown that can be done by controlling the RUN pin.
Power Derating
The 1.0V, 1.8V, 3.3V, 5V and 8V power loss curves in
Figures 13 to 17 can be used in coordination with the load
current derating curves in Figures 18 to 33 for calculating
an approximate ΘJA thermal resistance for the LTM4630A
with various heat sinking and airflow conditions. The
power loss curves are taken at room temperature, and are
increased with a 1.35 to 1.4 multiplicative factor at 125°C.
These factors come from the fact that the power loss of the
regulator increases about 45% from 25°C to 150°C, thus a
50% spread over 125°C delta equates to ~0.35%/°C loss
increase. A 125°C maximum junction minus 25°C room
temperature equates to a 100°C increase. This 100°C
increase multiplied by 0.35%/°C equals a 35% power loss
increase at the 125°C junction, thus the 1.35 multiplier.
The derating curves are plotted with CH1 and CH2 in
parallel single output operation starting at 36A of load
with low ambient temperature. The output voltages are
1.0V, 1.8V, 3.3V, 5V and 8V. These are chosen to include
the lower and higher output voltage ranges for correlating
the thermal resistance. Thermal models are derived from
several temperature measurements in a controlled tem-
perature chamber along with thermal modeling analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com