Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4630
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 17Page - Linear Technology LTM4630 Datasheet HTML 18Page - Linear Technology LTM4630 Datasheet HTML 19Page - Linear Technology LTM4630 Datasheet HTML 20Page - Linear Technology LTM4630 Datasheet HTML 21Page - Linear Technology LTM4630 Datasheet HTML 22Page - Linear Technology LTM4630 Datasheet HTML 23Page - Linear Technology LTM4630 Datasheet HTML 24Page - Linear Technology LTM4630 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTM4630
21
4630fa
For more information www.linear.com/LTM4630
value is shown in the Pin Configuration section and should
accurately equal the
θJA value because approximately
100% of power loss flows from the junction through the
board into ambient with no airflow or top mounted heat
sink. Each system has its own thermal characteristics,
therefore thermal analysis must be performed by the user
in a particular system.
The LTM4630 module has been designed to effectively
remove heat from both the top and bottom of the pack-
age. The bottom substrate material has very low thermal
resistance to the printed circuit board. An external heat
sink can be applied to the top of the device for excellent
heat sinking with airflow.
Figures 10 and 11 show temperature plots of the LTM4630
with no heat sink and 200LFM airflow.
These plots equate to a paralleled 12V to 1.0V at 36A
design operating at 84.5% efficiency, and 12V to 1.2V at
36A design operating at 86% efficiency.
Safety Considerations
The LTM4630 modules do not provide isolation from VIN
to VOUT. There is no internal fuse. If required, a slow blow
fuse with a rating twice the maximum input current needs
to be provided to protect each unit from catastrophic
failure. The device does support over current protection.
A temperature diode is provided for monitoring internal
temperature,andcanbeusedtodetecttheneedforthermal
shutdown that can be done by controlling the RUN pin.
APPLICATIONS INFORMATION
Power Derating
The 1.0V and 1.5V power loss curves in Figures 13 and 14
can be used in coordination with the load current derating
curves in Figures 15 to 22 for calculating an approximate
ΘJA thermal resistance for the LTM4630 with various heat
sinking and airflow conditions. The power loss curves are
taken at room temperature, and are increased with a 1.35
to 1.4 multiplicative factor at 125°C. These factors come
from the fact that the power loss of the regulator increases
about 45% from 25°C to 150°C, thus a 50% spread over
125°C delta equates to ~0.35%/°C loss increase. A 125°C
maximumjunctionminus25°Croomtemperatureequates
to a 100°C increase. This 100°C increase multiplied by
0.35%/°C equals a 35% power loss increase at the 125°C
junction, thus the 1.35 multiplier.
The derating curves are plotted with CH1 and CH2 in
parallel single output operation starting at 36A of load
with low ambient temperature. The output voltages are
1.0V and 1.5V. These are chosen to include the lower and
higher output voltage ranges for correlating the thermal
resistance. Thermal models are derived from several
temperature measurements in a controlled temperature
chamber along with thermal modeling analysis.
Figure 10. Thermal Image 12V to 1.0V,
36A with 200LFM without Heat Sink
Figure 11. Thermal Image 12V to 1.2V,
36A with 200LFM without Heat Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com