Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4625 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4625
Description  20VIN, 5A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4625 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4625 Datasheet HTML 17Page - Linear Technology LTM4625 Datasheet HTML 18Page - Linear Technology LTM4625 Datasheet HTML 19Page - Linear Technology LTM4625 Datasheet HTML 20Page - Linear Technology LTM4625 Datasheet HTML 21Page - Linear Technology LTM4625 Datasheet HTML 22Page - Linear Technology LTM4625 Datasheet HTML 23Page - Linear Technology LTM4625 Datasheet HTML 24Page - Linear Technology LTM4625 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM4625
21
Rev C
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 20. 4VIN to 20VIN, 1.5V Output at 5A Design
Figure 21. 2.375VIN to 5VIN, 1V at 5A Output Design
Figure 22. 4VIN to 20VIN, Two Phases, 1.5V at 10A Design
VIN
SVIN
RUN
INTVCC
MODE
PHMODE
TRACK/SS
PGOOD
LTM4625
CLKIN
FREQ
CLKOUT
VOUT
10µF
25V
47µF
6.3V
VIN
4V TO 20V
VOUT
1.5V
5A
FB
COMP
GND
40.2k
SGND
4625 F20
0.1µF
VIN
SVIN
RUN
INTVCC
MODE
PHMODE
TRACK/SS
PGOOD
LTM4625
CLKIN CLKOUT
FREQ
5V
VOUT
10µF
25V
1µF
6.3V
47µF
6.3V
VIN
2.375V TO 5V
VOUT
1V
5A
FB
COMP
GND
90.9k
SGND
4624 F21
0.1µF
VIN
SVIN
RUN
INTVCC
MODE
PHMODE
TRACK/SS
PGOOD
LTM4625
CLKIN
2MHz
CLOCK
162k
CLKOUT
FREQ
VOUT
10µF
25V
47µF
6.3V
VIN
4V TO 20V
VOUT
3.3V
5A
FB
COMP
GND
13.3k
SGND
4624 F22
0.1µF
VIN
SVIN
RUN
INTVCC
MODE
PHMODE
TRACK/SS
PGOOD
LTM4625
CLKIN
VOUT
10µF
25V
×2
47µF
6.3V
×2
20.1k
VIN
4V TO 20V
VOUT
1.5V
10A
FB
COMP
GND
4625 F23
SGND
CLKOUT
FREQ
0.1µF
VIN
SVIN
RUN
INTVCC
MODE
PHMODE
TRACK/SS
PGOOD
LTM4625
CLKIN CLKOUT
FREQ
VOUT
FB
COMP
GND
SGND
Figure 23. 4VIN to 20VIN, 3.3V Output with 2MHz External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com