Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2884 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2884 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM2884 Datasheet HTML 16Page - Linear Technology LTM2884 Datasheet HTML 17Page - Linear Technology LTM2884 Datasheet HTML 18Page - Linear Technology LTM2884 Datasheet HTML 19Page - Linear Technology LTM2884 Datasheet HTML 20Page - Linear Technology LTM2884 Datasheet HTML 21Page - Linear Technology LTM2884 Datasheet HTML 22Page - Linear Technology LTM2884 Datasheet HTML 23Page - Linear Technology LTM2884 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM2884
21
2884fb
For more information www.linear.com/LTM2884
Typical applicaTions
Figure 11. Bus or Self Powered USB Isolation with Low Current Suspend and Power Plug Detection
2884 F11
VLO
ON
SPNDPWR
VCC2
VBUS
GND
VCC
LTM2884
D1+
D1–
D+
UPSTREAM
USB PORT
D–
VLO2
D2+
D2–
GND2
GND
PWR
PERIPHERAL
200mA FOR VCC 4.4V TO 5.5V
500mA FOR VCC 8.6V TO 16.5V
VIN
GND
CTL
SENSE
GATE
STAT
LTC4412
VIN
SHDN
UV
OV
4.75k
4.99k
150k
GATE
VOUT
FAULT
GND
LTC4365
OVERVOLTAGE = 16.7V
UNDERVOLTAGE = 8.1V
9V TO 16V (500mA)
Si4230DY-TI-GE3
SiA921EDJ
VPLUG
VBUS
Figure 12. Isolated 1W or 2.5W Power Supply
2884 F12
VLO
ON
SPNDPWR
VCC2
VBUS
VPLUG
GND
VCC
LTM2884
D1+
D1–
VLO2
D2+
D2–
GND2
GND
PWR
200mA FOR VCC 4.4V TO 5.5V
500mA FOR VCC 8.6V TO 16.5V
4.4V TO 16.5V (500mA)
OFF
ON
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com