Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2885 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM2885
Description  6500VRMS Isolated RS485/RS422 關Module Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2885 Datasheet(HTML) 2 Page - Linear Technology

  LTM2885 Datasheet HTML 1Page - Linear Technology LTM2885 Datasheet HTML 2Page - Linear Technology LTM2885 Datasheet HTML 3Page - Linear Technology LTM2885 Datasheet HTML 4Page - Linear Technology LTM2885 Datasheet HTML 5Page - Linear Technology LTM2885 Datasheet HTML 6Page - Linear Technology LTM2885 Datasheet HTML 7Page - Linear Technology LTM2885 Datasheet HTML 8Page - Linear Technology LTM2885 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTM2885
2
2885fa
For more information www.linear.com/LTM2885
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC to GND ..................................................–0.3V to 6V
VCC2 to GND2...............................................–0.3V to 6V
VL to GND ....................................................–0.3V to 6V
Interface Voltages
(A, B, Y, Z) to GND2........................ VCC2 –15V to 15V
(A-B) with Terminator Enabled..............................±6V
Signal Voltages ON, RO, DI, DE,
RE, TE, DOUT to GND......................... –0.3V to VL +0.3V
(Note 1)
ORDER INFORMATION
Signal Voltages SLO,
DIN to GND2....................................–0.3V to VCC2 +0.3V
Operating Temperature Range (Note 4)
LTM2885C ............................................... 0°C to 70°C
LTM2885I ............................................–40°C to 85°C
LTM2885H......................................... –40°C to 105°C
Maximum Internal Operating Temperature............ 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Body Reflow Temperature ............................ 245°C
ON
VL
RO
RE
DE
DI
TE
VCC
DOUT
NC
NC
DIN
SLO
GND2
Y
Z
B
A
VCC2
A
B
P
R
S
T
C
D
E
F
G
H
J
K
L
M
N
1
2
3
4
5
6
7
GND
BGA PACKAGE
42-PIN (22mm
× 9mm × 5.2mm)
TJMAX = 125°C, θJA = 35°C/W, θJC(BOTTOM) = 23.9°C/W, θJC(TOP) = 29.6°C/W, θJBOARD = 22.7°C/W
θ VALUES DETERMINED PER JESD51-9, WEIGHT = 1.9g
TOP VIEW
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM2885CY#PBF
SAC305 (RoHS)
LTM2885Y
e1
42-BGA
3
0°C to 70°C
LTM2885IY#PBF
–40°C to 85°C
LTM2885HY#PBF
–40°C to 105°C
• Device temperature grade is indicated by a label on the shipping
container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to: www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM2885#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com