Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2892 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM2892
Description  SPI/Digital or I2C 關Module Isolator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2892 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM2892 Datasheet HTML 17Page - Linear Technology LTM2892 Datasheet HTML 18Page - Linear Technology LTM2892 Datasheet HTML 19Page - Linear Technology LTM2892 Datasheet HTML 20Page - Linear Technology LTM2892 Datasheet HTML 21Page - Linear Technology LTM2892 Datasheet HTML 22Page - Linear Technology LTM2892 Datasheet HTML 23Page - Linear Technology LTM2892 Datasheet HTML 24Page - Linear Technology LTM2892 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTM2892
21
2892fa
For more information www.linear.com/LTM2892
Inter-IC Communication (I2C) Bus
The LTM2892-I provides an isolated I2C compatible inter-
face supporting master mode only, with a unidirectional
clock (SCLIN), and bidirectional data (SDA1). The maxi-
mum data rate is 400kHz which supports fast-mode I2C.
Timing is detailed in Figure 10. The data rate is limited by
the slave acknowledge setup time (tSU;ACK), consisting of
the I2C standard minimum setup time (tSU;DAT) of 100ns,
maximumclockpropagationdelayof225ns,glitchfilterand
isolated data delay of 500ns maximum, and the combined
isolated and logic data fall time of 300ns at maximum bus
loading.ThetotalsetuptimereducestheI2Cdataholdtime
(tHD;DAT) to a maximum of 175ns, guaranteeing sufficient
data setup time (tSU;ACK).
applicaTions inForMaTion
The isolated side bidirectional serial data pin, SDA2,
simplified schematic is shown in Figure 11. An internal
1.8mA current source provides a pull-up for SDA2. Do not
connect any other pull-up device to SDA2. This current
source is sufficient to satisfy the system requirements
for bus capacitances greater than 200pF in fast mode and
greater than 400pF in standard mode.
Additional proprietary circuitry monitors the slew rate on
the SDA1 and SDA2 signals to manage directional control
across the isolation barrier. Slew rates on both pins must
be greater than 1V/μs for proper operation.
Figure 10. I2C Timing Diagram
Figure 11. Isolated SDA2 Pin Schematic
2892 F11
SDA2
1.8mA
GLITCH
FILTER
TO LOGIC SIDE
FROM LOGIC SIDE
2892 F10
tPROP
tSU;DAT
SDA1
SDA2
SCLIN
SCLOUT
tHD;DAT
tSU;ACK
STOP
START
SLAVE ACK
9
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com