Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2894 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2894
Description  Isolated USB Data Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2894 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2894 Datasheet HTML 8Page - Linear Technology LTM2894 Datasheet HTML 9Page - Linear Technology LTM2894 Datasheet HTML 10Page - Linear Technology LTM2894 Datasheet HTML 11Page - Linear Technology LTM2894 Datasheet HTML 12Page - Linear Technology LTM2894 Datasheet HTML 13Page - Linear Technology LTM2894 Datasheet HTML 14Page - Linear Technology LTM2894 Datasheet HTML 15Page - Linear Technology LTM2894 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTM2894
13
2894f
For more information www.linear.com/LTM2894
Figure 6. PC Board Layout
Top Layer
Bottom Layer
Figure 8. Bus Splitter
Figure 7. EMI Plot
Typical applicaTions
applicaTions inForMaTion
5VISO
2894 F08
VLO
LTM2894
5VISO
ON
VBUS
VBUS2
D1+
D1–
ON2
VLO2
D2+
USB PORT
USB PORT
120µF
D2–
GND2
GND
CISPR 22 CLASS B LIMIT
DETECTOR = PEAK–HOLD
RBW = 120kHz, VBW = 300kHz
SWEEP TIME = 680ms
# OF SWEEPS ≥10
# OF POINTS = 501
DC2438A
FREQUENCY (MHz)
0 100 200 300 400 500 600 700 800 900 1000
–30
–20
–10
0
10
20
30
40
50
60
DC2894 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com