Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS14 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FSS14
Description  1 Amp. Surface Mounted Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FSS14 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FSS14 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSS14 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FSS12 ...... FSS16
1 Amp. Surface Mounted Schottky Barrier Rectifier
• Metal Silicon Junction, majority carrier conduction
• High current capability, low forward voltage drop
• Guardring for overvoltage protection
• Low power loss, high efficiency
• High surge capability
• Plastic material carries U/L recognition 94V-O
• Low profile package
• Easy pick and place
Dimensions in mm.
Maximum Ratings, according to IEC publication No. 134
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 1.0 A
I
R
0.5 mA
0.55 V
Max. Instantaneous reverse
current at V
RRM
R
thj-a
R
thj-l
Typical Thermal Resistance
88 °C/W
28 °C/W
Voltage
20 V to 60 V
Current
1.0 A
Ta = 25 ºC
Ta = 100 ºC
0.75 V
10 mA
5 mA
NOTE: Thermal Resistance from junction to lead or to ambient PCB mounted with 5x5 mm copper pads areas.
CASE:
SMA/DO-214AC
(Plastic)
Peak recurrent reverse voltage (V)
Maximum RMS voltage (V)
Maximum DC blocking voltage (V)
Maximum average Forward current.
V
RRM
VRMS
VDC
I
F (AV)
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 150 °C
I
FSM
8.3 ms. peak forward surge current
FSS12
A1
20
(Jedec Method)
14
20
1 A
40 A
21
30
28
40
35
50
42
60
– 65 to + 125 °C
– 65 to + 150 °C
Marking Code
FSS13
A2
30
FSS14
A3
40
FSS15
A4
50
FSS16
A5
60
Jun - 03
2.0
4.2
Standard soldering pad
1.25 ± 0.25
5.1 ± 0.3
1.25 ± 0.25
Year code
Week code
Type No. Closs


Similar Part No. - FSS14

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSS140 SANYO-FSS140 Datasheet
28Kb / 4P
Load Switching Applications
FSS145 SANYO-FSS145 Datasheet
43Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FSS14

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5817 CDI-DIODE-CD5817 Datasheet
118Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS
logo
Fuji Electric
1N5817 FUJI-1N5817 Datasheet
674Kb / 1P
1 AMP SCHOTTKY BARRIER RECTIFIER
B120 FUJI-B120 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
FSS22 ETC1-FSS22 Datasheet
48Kb / 3P
2 Amp. Surface Mounted Schottky Barrier Rectifier
FSS32 ETC1-FSS32 Datasheet
48Kb / 2P
3 Amp. Surface Mounted Schottky Barrier Rectifier
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FESIA ETC-FESIA Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
Microsemi Corporation
1N5819 MICROSEMI-1N5819_10 Datasheet
74Kb / 3P
1 AMP SCHOTTKY BARRIER RECTIFIER CHIP
logo
Micro Commercial Compon...
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
logo
Central Semiconductor C...
CPD85V CENTRAL-CPD85V Datasheet
453Kb / 2P
1 Amp Schottky Barrier Rectifier Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com