Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4622 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4622
Description  Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4622 Datasheet HTML 17Page - Linear Technology LTM4622 Datasheet HTML 18Page - Linear Technology LTM4622 Datasheet HTML 19Page - Linear Technology LTM4622 Datasheet HTML 20Page - Linear Technology LTM4622 Datasheet HTML 21Page - Linear Technology LTM4622 Datasheet HTML 22Page - Linear Technology LTM4622 Datasheet HTML 23Page - Linear Technology LTM4622 Datasheet HTML 24Page - Linear Technology LTM4622 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4622
21
Rev F
For more information www.analog.com
SAFETY CONSIDERATIONS
The LTM4622 modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure. The device does support thermal
shutdown and over current protection.
LAYOUT CHECKLIST/EXAMPLE
The high integration of LTM4622 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
n
Use large PCB copper areas for high current paths,
including VIN, GND, VOUT1 and VOUT2. It helps to
minimize the PCB conduction loss and thermal stress.
n
Place high frequency ceramic input and output
capacitors next to the VIN, PGND and VOUT pins to
minimize high frequency noise.
APPLICATIONS INFORMATION
n
Place a dedicated power ground layer underneath
the unit.
n
To minimize the via conduction loss and reduce
module thermal stress, use multiple vias for
interconnection between top layer and other
power layers.
n
Do not put via directly on the pad, unless they are
capped or plated over.
n
Use a separated SGND ground copper area for
components connected to signal pins. Connect the
SGND to GND underneath the unit.
n
For parallel modules, tie the VOUT, VFB, and COMP
pins together. Use an internal layer to closely con-
nect these pins together. The TRACK pin can be
tied a common capacitor for regulator soft-start.
n
Bring out test points on the signal pins for
monitoring.
Figure 23 gives a good example of the recommended
layout.
Figure 23. Recommended PCB Layout
4622 F23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com