Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4622EY Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4622EY
Description  Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622EY Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4622EY Datasheet HTML 9Page - Linear Technology LTM4622EY Datasheet HTML 10Page - Linear Technology LTM4622EY Datasheet HTML 11Page - Linear Technology LTM4622EY Datasheet HTML 12Page - Linear Technology LTM4622EY Datasheet HTML 13Page - Linear Technology LTM4622EY Datasheet HTML 14Page - Linear Technology LTM4622EY Datasheet HTML 15Page - Linear Technology LTM4622EY Datasheet HTML 16Page - Linear Technology LTM4622EY Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM4622
13
Rev F
For more information www.analog.com
APPLICATIONS INFORMATION
tracked up and down with another regulator. Figure 4 and
Figure 5 show an example waveform and schematic of a
Ratiometric tracking where the slave regulator’s output
slew rate is proportional to the master’s.
Since the slave regulator’s TRACK/SS is connected to
the master’s output through a RTR(TOP)/RTR(BOT) resistor
The RFB(SL) is the feedback resistor and the RTR(TOP)/
RTR(BOT) is the resistor divider on the TRACK/SS pin of
the slave regulator, as shown in Figure 5.
Following the upper equation, the master’s output slew
rate (MR) and the slave’s output slew rate (SR) in Volts/
Time is determined by:
MR
SR
=
RFB(SL)
RFB(SL) + 60.4k
RTR(BOT)
RTR(TOP) + RTR(BOT)
For example, VOUT(MA) = 1.5V, MR = 1.4V/1ms and
VOUT(SL) = 1.2V, SR = 1.2V/1ms. From the equation, we
could solve out that RTR(TOP) = 60.4k and RTR(BOT) = 40.2k
is a good combination for the Ratiometric tracking.
The TRACK pins will have the 1.5µA current source on
when a resistive divider is used to implement tracking on
that specific channel. This will impose an offset on the
TRACK pin input. Smaller values resistors with the same
ratios as the resistor values calculated from the above
equation can be used. For example, where the 60.4k is
used then a 6.04k can be used to reduce the TRACK pin
offset to a negligible value.
The Coincident output tracking can be recognized as a
special Ratiometric output tracking which the master’s
output slew rate (MR) is the same as the slave’s output
slew rate (SR), as waveform shown in Figure 6.
Figure 5. Example Schematic of Ratiometric
Output Voltage Tracking
Figure 6. Output Coincident Tracking Waveform
TIME
MASTER OUTPUT
SLAVE OUTPUT
4622 F06
divider and its voltage used to regulate the slave output
voltage when TRACK/SS voltage is below 0.6V, the slave
output voltage and the master output voltage should sat-
isfy the following equation during the start-up.
VOUT(SL) •
RFB(SL)
RFB(SL) + 60.4k
=
VOUT(MA) •
RTR(BOT)
RTR(TOP) + RTR(BOT)
Figure 4. Output Ratiometric Tracking Waveform
TIME
SLAVE OUTPUT
MASTER OUTPUT
4622 F04
40.2k
4622 F05
10µF
25V
VIN
4V TO 20V
VOUT1
1.5V, 2.5A
47µF
4V
0.1µF
VOUT1
VOUT2
1.2V, 2.5A
47µF
4V
VOUT2
FB1
COMP1
COMP2
FREQ
GND
LTM4622
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
60.4k
40.2k
60.4k
FB2
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com