Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS13S4N9 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BGS13S4N9
Description  Wideband RF SP3T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS13S4N9 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BGS13S4N9 Datasheet HTML 6Page - Infineon Technologies AG BGS13S4N9 Datasheet HTML 7Page - Infineon Technologies AG BGS13S4N9 Datasheet HTML 8Page - Infineon Technologies AG BGS13S4N9 Datasheet HTML 9Page - Infineon Technologies AG BGS13S4N9 Datasheet HTML 10Page - Infineon Technologies AG BGS13S4N9 Datasheet HTML 11Page - Infineon Technologies AG BGS13S4N9 Datasheet HTML 12Page - Infineon Technologies AG BGS13S4N9 Datasheet HTML 13Page - Infineon Technologies AG BGS13S4N9 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BGS13S4N9
Confidential
2
0.5
Pin 1
marking
TSNP-9-3-TP V01
1.25
Figure 6: Tape and Reel (Reel φ 180 mm: 15.000 Pieces/Reel)
Data Sheet
13
Revision 1.0 - 2016-04-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com