Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL800UT-C Datasheet(PDF) 13 Page - Micronas

Part # HAL800UT-C
Description  Programmable Linear Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL800UT-C Datasheet(HTML) 13 Page - Micronas

Back Button HAL800UT-C Datasheet HTML 9Page - Micronas HAL800UT-C Datasheet HTML 10Page - Micronas HAL800UT-C Datasheet HTML 11Page - Micronas HAL800UT-C Datasheet HTML 12Page - Micronas HAL800UT-C Datasheet HTML 13Page - Micronas HAL800UT-C Datasheet HTML 14Page - Micronas HAL800UT-C Datasheet HTML 15Page - Micronas HAL800UT-C Datasheet HTML 16Page - Micronas HAL800UT-C Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HAL 800
Micronas
13
3.6. Electrical Characteristics
at TJ = −40 °C to +170 °C, VDD = 4.5 V to 5.5 V, after programming, as not otherwise specified in Conditions.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
1
7
10
mA
TJ = 25 °C, VDD = 4.5 V to 8.5 V
IDD
Supply Current
over Temperature Range
17
10
mA
VDDZ
Overvoltage Protection
at Supply
1
17.5
20
V
IDD = 25 mA, TJ = 25 °C, t = 20 ms
VOZ
Overvoltage Protection
at Output
317
19.5
V
IO = 10 mA, TJ = 25 °C, t = 20 ms
Resolution
3
12
bit
ratiometric to VDD
1)
EA
Accuracy Error over all
3
−2
02%
RL = 4.7 kΩ (% of supply voltage)
3)
INL
Non-Linearity of Output Voltage
over Temperature
3
−1
0
1
%
% of supply voltage3)
ER
Ratiometric Error of Output
over Temperature
(Error in VOUT / VDD)
3
−1
01%
 V
OUT1 - VOUT2 > 2 V
during calibration procedure
∆V
OUTCL
Accuracy of Output Voltage at
Clamping Low Voltage over
Temperature Range
3
−45
0
45
mV
RL = 4.7 kΩ, VDD = 5 V
∆V
OUTCH
Accuracy of Output Voltage at
Clamping High Voltage over
Temperature Range
3
−45
0
45
mV
RL = 4.7 kΩ, VDD = 5 V
VOUTH
Output High Voltage
3
4.65
4.8
V
VDD = 5 V, −1 mA ≤ IOUT ≤ 1mA
VOUTL
Output Low Voltage
3
0.2
0.35
V
VDD = 5 V, −1 mA ≤ IOUT ≤ 1mA
fADC
Internal ADC Frequency
−
120
128
140
kHz
TJ = 25 °C
fADC
Internal ADC Frequency over
Temperature Range
−
110
128
150
kHz
VDD = 4.5 V to 8.5 V
tr(O)
Response Time of Output
3
−
2
1
4
2
ms
ms
3 dB Filter frequency = 500 Hz
3 dB Filter frequency = 2 kHz
CL = 10 nF, time from 10% to 90% of
final output voltage for a steplike
signal Bstep from 0 mT to Bmax
td(O)
Delay Time of Output
3
0.1
0.5
ms
tPOD
Power-Up Time (Time to reach
stabilized Output Voltage)
3
2
5
3
ms
3 dB Filter frequency = 500 Hz
3 dB Filter frequency = 2 kHz
90% of VOUT
BW
Small Signal Bandwidth (
−3dB)
3
−
2
−
kHz
BAC < 10 mT;
3 dB Filter frequency = 2 kHz
VOUTn
Noise Output Voltagepp
3
−
36mV
2) magnetic range = 90 mT
ROUT
Output Resistance over Recom-
mended Operating Range
3
−
110
Ω
VOUTL ≤ VOUT ≤ VOUTH
RthJA
TO-92UT
Thermal Resistance Junction to
Soldering Point
−−
150
200
K/W
1) Output DAC full scale = 5 V ratiometric, Output DAC offset = 0 V, Output DAC LSB = V
DD/4096
2) peak-to-peak value exceeded: 5%
3) if more than 50% of the selected magnetic field range are used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com