Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA11540 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11540
Description  ~25째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11540 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11540 Datasheet HTML 1Page - Ledil, Inc. FA11540 Datasheet HTML 2Page - Ledil, Inc. FA11540 Datasheet HTML 3Page - Ledil, Inc. FA11540 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA11540_NIS83-MX-MD
NIS83-MX-MD
~25° medium beam optimized for Nichia NS6x83.
Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.5 mm
Fastening
tape
Colour
white
Box size
Box weight
11 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-A-A-MD
Lens
PC
clear
ROSE-HLD-E-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11540

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
FA11 SWITCH-FA11 Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
Cree, Inc
FA11019 CREE-FA11019 Datasheet
348Kb / 6P
Tina series
logo
Ledil, Inc.
FA11019 LEDIL-FA11019 Datasheet
2Mb / 5P
~60째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11019 LEDIL-FA11019_18 Datasheet
2Mb / 5P
~60째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
logo
STANLEY ELECTRIC CO.,LT...
FA1101C-2005-M-TR STANLEY-FA1101C-2005-M-TR Datasheet
650Kb / 18P
Lead-free soldering compatible
More results

Similar Description - FA11540

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10608 LEDIL-CA10608 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10609 LEDIL-CA10609 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10610 LEDIL-CA10610 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10624 LEDIL-CA10624 Datasheet
1Mb / 3P
~50째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
CA11839 LEDIL-CA11839_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
CA12126 LEDIL-CA12126 Datasheet
5Mb / 4P
~30째 medium beam optimized for Nichia NS6x83. Assembly with black holder.
CA13623 LEDIL-CA13623_18 Datasheet
2Mb / 4P
~25째 medium beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FA10339 LEDIL-FA10339_18 Datasheet
2Mb / 5P
~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA10344 LEDIL-FA10344 Datasheet
3Mb / 5P
~50째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
FA10903 LEDIL-FA10903_18 Datasheet
1Mb / 4P
~60째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com