Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4622 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4622
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 2 Page - Linear Technology

  LTM4622 Datasheet HTML 1Page - Linear Technology LTM4622 Datasheet HTML 2Page - Linear Technology LTM4622 Datasheet HTML 3Page - Linear Technology LTM4622 Datasheet HTML 4Page - Linear Technology LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4632
2
4632fc
For more information www.linear.com/LTM4632
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 16V
VOUT............................................................. –0.3V to 6V
PGOOD1, PGOOD2..................................... –0.3V to 16V
RUN1, RUN2 ...................................... –0.3V to VIN+0.3V
INTVCC, TRACK/SS1, VDDQIN, VTTR......... –0.3V to 3.6V
MODE/SYNC, COMP1, COMP2,
FB1, FB2................................................–0.3V to INTVCC
Operating Internal Temperature Range
(Notes 2, 3, 5)........................................ –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature .................260°C
(Note 1)
LGA PACKAGE 25-LEAD (6.25mm
× 6.25mm × 1.82mm)
BGA PACKAGE 25-LEAD (6.25mm
× 6.25mm × 2.42mm)
TOP VIEW
COMP2
SYNC/
MODE
GND
VOUT1
FB1
PGOOD1
TRACK/SS1
A
5
1
2
3
4
PGOOD2
VDDQIN
VTTR
INTVCC
RUN2
B
C
D
E
COMP1
GND
GND
RUN1
GND
VIN
VIN
VIN
VIN
VOUT2
TJMAX = 125°C, θJCtop = 17°C/W, θJCbottom = 11°C/W,
θJB +θBA = 22°C/W, θJA = 20°C/W
WEIGHT = 0.21g
(See Pin Functions, Pin Configuration Table)
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4632EV#PBF
Au (RoHS)
LTM4632V
e4
LGA
3
–40°C to 125°C
LTM4632IV#PBF
Au (RoHS)
LTM4632V
e4
LGA
3
–40°C to 125°C
LTM4632EY#PBF
SAC305 (RoHS)
LTM4632Y
e1
BGA
3
–40°C to 125°C
LTM4632IY#PBF
SAC305 (RoHS)
LTM4632Y
e1
BGA
3
–40°C to 125°C
LTM4632IY
SnPb (63/37)
LTM4632Y
e0
BGA
3
–40°C to 125°C
• Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures: www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings: www.linear.com/packaging
ORDER INFORMATION http://www.linear.com/product/LTM4632#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com