Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4633 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 2 Page - Linear Technology

  LTM4633 Datasheet HTML 1Page - Linear Technology LTM4633 Datasheet HTML 2Page - Linear Technology LTM4633 Datasheet HTML 3Page - Linear Technology LTM4633 Datasheet HTML 4Page - Linear Technology LTM4633 Datasheet HTML 5Page - Linear Technology LTM4633 Datasheet HTML 6Page - Linear Technology LTM4633 Datasheet HTML 7Page - Linear Technology LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM4633
2
4633f
For more information www.linear.com/LTM4633
pin conFiguraTion
absoluTe MaxiMuM raTings
CNTL_PWR ............................................... –0.3V to 18V
VIN1, VIN2, VIN3........................................... –0.3V to 18V
VOUT1, VOUT2............................................. –0.3V to 2.2V
VOUT3........................................................ –0.3V to 5.5V
Switch Voltage (SW1, SW2 and SW3) ...........–1V to 18V
MODE/PLLIN, TK/SS1, TK/SS2, TK/SS3,
FREQ/PLLLPF, VFB1, VFB2, VFB3 ............–0.3V to INTVCC
COMP1, COMP2, COMP3 (Note 6)........–0.3V to INTVCC
RUN1, RUN2, RUN3, INTVCC, EXTVCC,
PGOOD12, PGOOD3..................................... –0.3V to 6V
TEMP1, TEMP2......................................... –0.3V to 0.8V
INTVCC Peak Output Current..................................75mA
Operating Junction Temperature Range
(Note 2).................................................. –55°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
1
A
B
C
D
E
F
SW3
TEMP2
G
H
J
K
L
M
GND
TKSS2
TK/SS1
TK/SS3
VFB3
VFB2
VFB1
FREQ/PLLLPF
SGND
VIN1
SW1
SW2
VIN2
VIN3
VOUT3
TOP VIEW
BGA PACKAGE 144 LEAD (15mm
× 15mm × 5.01mm)
VOUT2
VOUT1
GND
GND
COMP3
COMP2
COMP1
PGOOD12
PGOOD3
EXTVCC
GND
GND
GND
GND
GND
2
3
4
5
6
7
8
9
10 11 12
TEMP1
INTVCC
CNTL_PWR
MODE/PLLIN
RUN1
RUN2
RUN3
TJMAX = 125°C, θJA = 7.5°C/W, θJCbottom = 4°C/W, θJCtop = 5°C/W
θJA DERIVED FROM 95mm × 76mm PCB WITH 4-LAYER, WEIGHT = 3.3g
θ VALUES DETERMINED PER JESD 51-12
orDer inForMaTion
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (NOTE 2)
LTM4633EY#PBF
LTM4633EY#PBF
LTM4633Y
144-Lead (15mm
× 15mm × 5.01mm) BGA
–40°C to 125°C
LTM4633IY#PBF
LTM4633IY#PBF
LTM4633Y
144-Lead (15mm
× 15mm × 5.01mm) BGA
–40°C to 125°C
LTM4633MPY#PBF
LTM4633MPY#PBF
LTM4633Y
144-Lead (15mm
× 15mm × 5.01mm) BGA
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com