Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4644 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4644
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 16Page - Linear Technology LTM4644 Datasheet HTML 17Page - Linear Technology LTM4644 Datasheet HTML 18Page - Linear Technology LTM4644 Datasheet HTML 19Page - Linear Technology LTM4644 Datasheet HTML 20Page - Linear Technology LTM4644 Datasheet HTML 21Page - Linear Technology LTM4644 Datasheet HTML 22Page - Linear Technology LTM4644 Datasheet HTML 23Page - Linear Technology LTM4644 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTM4632
20
4632fc
For more information www.linear.com/LTM4632
VOUT
(V)
CIN
(CERAMIC)
(µF)
CIN
(BULK)
COUT1
(CERAMIC)
(µF)
COUT2
(BULK)
(µF)
CFF
(pF)
VIN
(V)
DROOP
(mV)
P-P
DERIVATION
(mV)
RECOVERY
TIME
(µS)
LOAD
STEP
(A)
LOAD STEP
SLEW RATE
(A/µS)
RFB
(kΩ)
1
2 × 10
0
1 × 47µF
0
0
5, 12
0
77
15
0.75
10
90.9
1.2
2 × 10
0
1 × 47µF
0
0
5, 12
0
83
15
0.75
10
60.4
1.5
2 × 10
0
1 × 47µF
0
0
5, 12
0
94
18
0.75
10
40.2
1.8
2 × 10
0
1 × 47µF
0
0
5, 12
0
105
20
0.75
10
30.1
2.5
2 × 10
0
1 × 47µF
0
0
5, 12
0
138
20
0.75
10
19.1
APPLICATIONS INFORMATION
Table 5. Output Voltage Response for Each Regulator Channel vs Component Matrix (Refer to Figure 19)
25% Load Step Typical Measured Values
CIN
(CERAMIC) PART NUMBER
VALUE
COUT1
(CERAMIC) PART NUMBER
VALUE
COUT2
(BULK)
PART NUMBER VALUE
Murata
GRM188R61E475KE11# 4.7µF, 25V,
0603, X5R
Murata
GRM21R60J476ME15# 47µF, 6.3V,
0805, X5R
Panasonic 6TPC150M
150µF, 6.3V 3.5
× 2.8 × 1.4mm
Murata
GRM188R61E106MA73# 10µF, 25V,
0603, X5R
Murata
GRM188R60J226MEA0# 22µF, 6.3V,
0603, X5R
Taiyo Yuden TMK212BJ475KG-T
4.7µF, 25V,
0805, X5R
Taiyo
Yuden
JMK212BJ476MG-T
47µF, 6.3V,
0805, X5R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com