Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4644 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4644
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 4Page - Linear Technology LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology LTM4644 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTM4634
8
4634f
For more information www.linear.com/LTM4634
pin FuncTions
INTVCC (J8): Output of the Internal Bias LDO for Powering
InternalControlCircuitry.Connecta4.7µFceramiccapaci-
tor to ground for decoupling. If the voltage at CNTL_PWR
is ≤5.8V, tie the INTVCC pin to CNTL_PWR for optimum
efficiency. If the voltage at CNTL_PWR is >5.8V, leave
INTVCC floating. See the Applications Information section.
SGND (K6-K7, L6-L7): Signal Ground Connections. The
signal ground connection in the module is separated from
normal power ground (GND) by an internal 2.2Ω resistor.
This allows the designer to connect the signal ground pin
close to GND near the external output capacitors on the
regulatorchannel’soutputs.Theentireinternalsmall-signal
feedback circuitry is referenced to SGND, thus allowing
for better output regulation. See the recommended layout
in the Applications Information section.
EXTVCC (L3): External Bias Power Input. The internal bias
LDO is bypassed whenever the voltage at EXTVCC is above
4.7V. Never exceed 6V at this pin and ensure CNTL_PWR >
EXTVCC at all times to avoid reverse polarity on the internal
bias LDO. Connect a 1µF capacitor to ground when used
otherwise leave floating. Use a 5V bias or 5V output to
power this pin to improve efficiency.
FREQ/PLLLPF(L8):FrequencySetandPLLLowpassFilter
Pin. This pin is driven with a DC voltage to set the oper-
ating frequency. The recommended operating frequency
will be supplied in the efficiency graphs for optimal per-
formance. A specific frequency can be chosen as long as
the minimum on-time is not violated, and inductor ripple
current is optimized. When an external clock is used, then
the FREQ/PLLLPF pin must not be connected to any DC
voltage. The pin must be floating and will have the proper
internal compensation for the internal loop filter. See the
Applications Information section.
MODE/PLLIN(L9):ForcedContinuousMode,BurstMode,
or Pulse-Skipping Mode Selection Pin and External Syn-
chronization Input to Phase Detector Pin. Connect this pin
to SGND to force all channels into the continuous mode
of operation. Connect to INTVCC to enable pulse-skipping
mode of operation. Leave floating to enable Burst Mode
operation. A clock on the pin will force the controller into
continuousmodeofoperationandsynchronizetheinternal
oscillator. See the Applications Information section.
RUN1,RUN2,RUN3(L10,L11,K11):RunControlInputs.
A voltage above 1.3V on any RUN pin turns on that par-
ticular channel. However, forcing any of these RUN pins
below 1.15V causes that channel to shut down. Each of
the RUN pins has an internal 10k resistor to ground. This
resistor can be used with an external pull-up resistor to
the input voltage to set a UVLO for that channel, or simply
to turn on the channel. The RUN pins have a maximum
voltage of 6V. See the Applications Information section.
PGOOD12, PGOOD3 (M2, M3): Output Voltage Power
Good Indicator for VOUT1 and VOUT2 Combined, and VOUT3
Separate. The open-drain logic output is pulled to ground
when the output voltage is not within ±7.5% of the regula-
tion point.
COMP1, COMP2, COMP3 (M4, L4, K4): Current Control
Threshold and Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. The LTM4634 regulator channels are all internally
compensated for proper stability. COMP1 and COMP2 can
be tied together for PolyPhase 10A parallel operation. See
the Applications Information section.
VFB1, VFB2, VFB3 (M5, L5, K5): The Negative Input of the
Error Amplifier for Each of the Three Channels. Internally,
each of these pins is connected to their respective output
with a 60.4k precision resistor. Different output voltages
can be programmed with an additional resistor between
eachindividualVFBpinandground.InPolyPhaseoperation,
tying the VFB1 and VFB2 pins together allows for parallel
operation up to 10A. See the Applications Information
section for details.
TK/SS1,TK/SS2,TK/SS3(M9,M10,M11):OutputVoltage
TrackingandSoft-StartInputs.Whenoneparticularchannel
is configured to be the master, a capacitor to ground at
this pin sets the ramp rate for the master channel’s output
voltage. When the channel is configured to be the slave,
the VFB voltage of the master channel is reproduced by a
resistor divider and applied to this pin. Internal soft-start
currents of 1.5μA are charging the soft-start capacitors.
In dual output (2 + 1) mode, TK/SS1 and TK/SS2 need to
be shorted externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com