Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4642 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4642
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4642 Datasheet(HTML) 2 Page - Linear Technology

  LTM4642 Datasheet HTML 1Page - Linear Technology LTM4642 Datasheet HTML 2Page - Linear Technology LTM4642 Datasheet HTML 3Page - Linear Technology LTM4642 Datasheet HTML 4Page - Linear Technology LTM4642 Datasheet HTML 5Page - Linear Technology LTM4642 Datasheet HTML 6Page - Linear Technology LTM4642 Datasheet HTML 7Page - Linear Technology LTM4642 Datasheet HTML 8Page - Linear Technology LTM4642 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM4642
2
4642fb
For more information www.linear.com/LTM4642
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN1, VIN2, SW1, SW2, CPWR .................... –0.3V to 22V
INTVCC, DRVCC, PGOOD1,2, RUN1,2, EXTVCC,
VFB1, VFB2 (Note 4) ....................–0.3V to INTVCC + 0.3V
COMP1, COMP2 (Note 4).......................... –0.3V to 2.7V
MODE/PLLIN, FREQ, PHASMD,
VRNG1.........................................–0.3V to INTVCC + 0.3V
VOUT1, VOUT2, VOUTS1................................... –0.3V to 6V
VOUTS– .......................................................0.3V to 2.75V
TK/SS1, TK/SS2............................................. 0.3V to 5V
Internal Operating Temperature Range
(Note 2).................................................. –40°C to 125°C
Maximum Reflow Body Temperature.................... 245°C
Storage Temperature Range .................. –55°C to 125°C
(Note 1)
1
A
H
G
F
E
D
C
VOUT2
GND
SW2
RUN2
PHASMD
COMP2 CLKOUT
RUN1
SW1
COMP1 FREQ
SGND
VOUTS–
VOUT1
MODE/PLLIN
CPWR
PGOOD2
TRACK/SS2
TRACK/SS1
GND
GND
GND
GND
GND
VIN2
VFB2
VFB1
PGOOD1
DRVCC
EXTVCC
INTVCC
VRNG1
VIN1
B
2
3
4
5
6
7
BGA Package
56-Lead (9mm × 11.25mm × 4.92mm)
VOUTS1
TJMAX = 125°C, θJA = 15°C/W, θJP = 4°C/W
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 1.2635g
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
VIN ≤ 4.5V, Connect CPWR to a Bias > 4.5V
l
2.375
20
V
VOUT1,2(RANGE) Output Voltage Range
VIN = 6V to 20V
l
0.6
5.5
V
VOUT1,2(DC)
Output Voltage, Total Variation
with Line and Load
CIN = 10µF ×2, COUT = 47µF Ceramic, 100µF POSCAP,
RSET = 40.2kΩ
VIN = 12V, VOUT = 1.5V, IOUT = 4A
l
1.4775
1.5
1.5225
V
Input Specifications
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 10µF, COUT = 47µF Ceramic and 100µF
POSCAP, VOUT = 1.5V
VIN = 12V
0.25
A
orDer inForMaTion
elecTrical characTerisTics The
l
denotes the specifications which apply over the full internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application in Figure 27.
Specified as each channel. (Note 3)
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4642EY#PBF
SAC305 (RoHS)
LTM4642Y
e1
BGA
3
–40°C to 125°C
LTM4642IY#PBF
SAC305 (RoHS)
LTM4642Y
e1
BGA
3
–40°C to 125°C
LTM4642IY
SnPb (63/37)
LTM4642Y
e0
BGA
3
–40°C to 125°C
• Consult Marketing for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures: www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings: www.linear.com/packaging
http://www.linear.com/product/LTM4642#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com