Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4644 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4644
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 16Page - Linear Technology LTM4644 Datasheet HTML 17Page - Linear Technology LTM4644 Datasheet HTML 18Page - Linear Technology LTM4644 Datasheet HTML 19Page - Linear Technology LTM4644 Datasheet HTML 20Page - Linear Technology LTM4644 Datasheet HTML 21Page - Linear Technology LTM4644 Datasheet HTML 22Page - Linear Technology LTM4644 Datasheet HTML 23Page - Linear Technology LTM4644 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTM4639
20
4639f
For more information www.linear.com/LTM4639
Figure 8. 3.3V Input Power Loss Curves
Figure 9. 5V Input Power Loss Curves
APPLICATIONS INFORMATION
Figure 10. 7V Input Power Loss Curves
temperature loss from the 7V to 1.0V power loss curve at
17A, and the 1.4 multiplying factor at 120°C junction. If the
80°C ambient temperature is subtracted from the 120°C
junction temperature, then the difference of 40°C divided
by 4.2W equals a 9.5°C/W θJA thermal resistance. Table
2 specifies a 10°C/W value which is very close. Table 2
through Table 4 provides equivalent thermal resistances
for 1.0V, 2.5V and 5V outputs with and without airflow and
heat sinking. The derived thermal resistances in Tables 2
thru 4 for the various conditions can be multiplied by the
calculatedpowerlossasafunctionofambienttemperature
to derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss
can be derived from the efficiency curves in the Typical
Performance Characteristics section and adjusted with
the above ambient temperature multiplicative factors. The
printed circuit board is a 1.6mm thick four layer board with
two ounce copper for the two outer layers and one ounce
copper for the two inner layers. The PCB dimensions are
95mm × 76mm. The BGA heat sinks are listed in Table 6.
OUTPUT CURRENT (A)
0
2.5
3.0
3.5
20
4639 F08
2.0
1.5
0
2
4
6
8 10
18
16
14
12
1.0
0.5
5.0
4.5
4.0
3.3V TO 1.8V POWER LOSS
3.3V TO 1.5V POWER LOSS
3.3V TO 1.2V POWER LOSS
3.3V TO 1V POWER LOSS
OUTPUT CURRENT (A)
0
2.5
3.0
3.5
20
4639 F09
2.0
1.5
0
2
4
6
8 10
18
16
14
12
1.0
0.5
5.0
4.5
4.0
5V TO 3.3V POWER LOSS
5V TO 2.5V POWER LOSS
5V TO 1.8V POWER LOSS
5V TO 1.5V POWER LOSS
5V TO 1.2V POWER LOSS
5V TO 1V POWER LOSS
OUTPUT CURRENT (A)
0
2.5
3.0
3.5
20
4639 F10
2.0
1.5
0
2
4
6
8 10
18
16
14
12
1.0
0.5
5.0
4.5
4.0
7V TO 5V POWER LOSS
7V TO 3.3V POWER LOSS
7V TO 2.5V POWER LOSS
7V TO 1.8V POWER LOSS
7V TO 1.5V POWER LOSS
7V TO 1.2V POWER LOSS
7V TO 1V POWER LOSS
Figure 11. 5VIN to 1.0VOUT No Heat Sink
Figure 13. 7VIN to 1.0VOUT No Heat Sink
Figure 12. 5VIN to 1.0VOUT with Heat Sink
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
120
4639 F11
10
20
60
100
0 LFM
200 LFM
400 LFM
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F13
10
20
60
100 120
0 LFM
200 LFM
400 LFM
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F12
10
20
60
100 120
0 LFM
200 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com