Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4647 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4647
Description  40A DC/DC 關Module Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4647 Datasheet(HTML) 2 Page - Linear Technology

  LTM4647 Datasheet HTML 1Page - Linear Technology LTM4647 Datasheet HTML 2Page - Linear Technology LTM4647 Datasheet HTML 3Page - Linear Technology LTM4647 Datasheet HTML 4Page - Linear Technology LTM4647 Datasheet HTML 5Page - Linear Technology LTM4647 Datasheet HTML 6Page - Linear Technology LTM4647 Datasheet HTML 7Page - Linear Technology LTM4647 Datasheet HTML 8Page - Linear Technology LTM4647 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTM4636
2
4636f
For more information www.linear.com/LTM4636
absoluTe MaxiMuM raTings
VIN, SW, HZBREG, RUNP ........................... –0.3V to 16V
VOUT.......................................................... –0.3V to 3.5V
PGOOD, RUNC, TMON, PVCC, MODE/PLLIN, PHMODE,
FREQ, TRACK/SS, TEST1, TEST2, VOUTS1–, VOUTS1+,
SNSP1, SNSP2, TEST3, TEST4 .....–0.3V to INTVCC (5V)
VFB, COMPA, COMPB (Note 7).................. –0.3V to 2.7V
PVCC Additional Output Current ................0mA to 50mA
(Note 1)
pin conFiguraTion
1
M
L
K
J
H
G
F
E
D
C
B
A
TOP VIEW
BGA PACKAGE
144-LEAD (16mm
× 16mm × 7.07mm)
VOUT
GND
GND
GND
GND
SW
VIN
2
3
4
5
6
7
8
9
10 11 12
PGOOD
RUNC
SNSP2
SNSP1
COMPB
TEST2
TEST4 (FLOAT PIN)
INTVCC
TEMP–
TEMP+
CLKOUT
SGND
VFB
VOUTS1+
HIZREG
TRACK/SS
COMPA
VOUTS1–
FREQ
PWM
TEST3
MODE/PLLIN
TEST1
TMON
NC
GMON
PHASMD
RUNP
PVCC
TJMAX = 125°C, θJA = 7.5°C/W, θJCbottom = 3°C/W, θJCtop = 15°C/W, θJBA = 12°C/W
θJA = DERIVED FROM 95mm × 76mm PCB WITH 6 LAYERS, WEIGHT = 3.95g
θ VALUES DETERMINED PER JESD51-12
Note:
θJA = (θJCbottom + θJBA)||θJCtop; θJBA is Board to Ambient
TEMP+, TEMP–.......................................... –0.3V to 0.8V
INTVCC Peak Output Current (Note 6)....................20mA
Internal Operating Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Reflow (Peak Body) Temperature.......................... 250°C
orDer inForMaTion http://www.linear.com/product/LTM4636#orderinfo
Note: PWM, CLKOUT, and GMON are outputs only.
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4636EY#PBF
SAC305 (RoHS)
LTM4636
BGA
–40°C to 125°C
LTM4636IY#PBF
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping
container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com